Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR421U Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BCR421U
Description  LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR421U Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BCR421U Datasheet HTML 4Page - Infineon Technologies AG BCR421U Datasheet HTML 5Page - Infineon Technologies AG BCR421U Datasheet HTML 6Page - Infineon Technologies AG BCR421U Datasheet HTML 7Page - Infineon Technologies AG BCR421U Datasheet HTML 8Page - Infineon Technologies AG BCR421U Datasheet HTML 9Page - Infineon Technologies AG BCR421U Datasheet HTML 10Page - Infineon Technologies AG BCR421U Datasheet HTML 11Page - Infineon Technologies AG BCR421U Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2010-01-15
10
BCR420U / BCR421U
Application circuit:
Enabling by connecting to Vs
Application circuit:
Enabling / PWM by micro controller
BCR421U
Vdrop
Rext
4
6
2,3,5
1
+Vs
IEN
IOUT
EN
GND
µC
OUT
BCR420U
Vdrop
Rext
4
6
+Vs
GND
2,3,5
IEN
IOUT
EN
OUT
Application hints
BCR420U / BCR421U serve as an easy to use constant current sources for LEDs.
In stand alone application an external resistor can be connected to adjust the current from
10 mA to 150 mA.
Rext can be determined by using the diagram 'Output current versus
external resistor'. Please take into account that the resulting output currents will be slightly
lower due to the self heating of the component and the negative thermal coefficient.
Please visit our web site for application notes: www.infineon.com/lowcostleddriver
for up-to-date application information


Similar Part No. - BCR421U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR421UE6327 INFINEON-BCR421UE6327 Datasheet
1Mb / 26P
   LED Driver
Revision 2.0, 2012-05-04
BCR421UE6327 INFINEON-BCR421UE6327 Datasheet
1Mb / 26P
   LED Driver
Revision 2.1, 2015-01-28
logo
Diodes Incorporated
BCR421UFD DIODES-BCR421UFD Datasheet
611Kb / 13P
   LED CONSTANT CURRENT REGULATOR
BCR421UFD-7 DIODES-BCR421UFD-7 Datasheet
611Kb / 13P
   LED CONSTANT CURRENT REGULATOR
BCR421UFDQ DIODES-BCR421UFDQ Datasheet
746Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR IN U-DFN2020-6
January 2018
More results

Similar Description - BCR421U

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com