Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W925E625FG Datasheet(PDF) 5 Page - Winbond

Part # W925E625FG
Description  8-bit CID MICROCONTROLLER
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W925E625FG Datasheet(HTML) 5 Page - Winbond

  W925E625FG Datasheet HTML 1Page - Winbond W925E625FG Datasheet HTML 2Page - Winbond W925E625FG Datasheet HTML 3Page - Winbond W925E625FG Datasheet HTML 4Page - Winbond W925E625FG Datasheet HTML 5Page - Winbond W925E625FG Datasheet HTML 6Page - Winbond W925E625FG Datasheet HTML 7Page - Winbond W925E625FG Datasheet HTML 8Page - Winbond W925E625FG Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 75 page
background image
W925E/C625
Publication Release Date: July 4, 2005
- 5 -
Revision A10
4. PIN DESCRIPTION
SYMBOL
I/O
DESCRIPTION
TEST/MODE
I/O
TEST pin. In E version (EEPROM type), it works as a Mode pin to select
programming mode. In C version (Mask type), this pin with internal pull-low
resistor.
EA
/DATA
I,I/O
Set high for normal function. In E version, it works as Data pin. In C version,
this pin with internal pull-high resistor.
RESET
/VPP
I
RESET pin. A low pulse causes the whole chip reset. In E version, this pin
work as VPP pin, which is a supply programming voltage. In C version, this pin
with internal pull-high resistor.
RNGDI
I
Ring Detect Input (Schmitt trigger input). Used for ring detection and line
reversal detection. Must maintain a voltage between VAD and VAS.
RNGRC
O
Ring RC (Open drain output and Schmitt trigger input). Used to set the time
interval from the end of RNGDI pin to the inactive condition of the RNGON
pin. An external resistor must connected to VAD and a capacitor connected
to VSS, the time interval is the RC time constant.
CAP
O
Must be connected 0.1
µF capacitor to VSS.
VREF
O
Reference Voltage. Nominally, VDD/2 is used to bias the input of the gain
control op-amp.
GCFB1
O
Op-amp1 Feed-back Gain Control signal. Select the input gain by connecting
this pin and the INN1 pin with feedback resistor. It is recommended that the
op-amp1 be set to unity gain.
INN1
I
Inverting Input of the gain control op-amp1.
INP1
I
Non-inverting Input of the gain control op-amp1.
GCFB2
O
Op-amp2 Feed-back Gain Control signal. Select the input gain by connecting
this pin and the INN2 pin with feedback resistor. It is recommended that the
op-amp2 be set to unity gain.
INN2
I
Inverting Input of the gain control op-amp2.
INP2
I
Non-inverting Input of the gain control op-amp2.
VAD
I
Analog voltage supply.
VAS
I
Analog ground.
VDD
I
Digital voltage supply.
VSS
I
Digital ground.
XOUT1
O
Output pin for main-oscillator. Connected to 3.58MHz crystal for CID function.
XIN1
I
Input pin for main-oscillator. Connected to 3.58MHz crystal for CID function.
XOUT2
O
Output pin for sub-oscillator. Connected to 32.768KHz crystal only. Suggest
to add an external capacitor about 10~30pF to ground (VSS) for the accuracy
of the oscillator.


Similar Part No. - W925E625FG

ManufacturerPart #DatasheetDescription
logo
Winbond
W925E240 WINBOND-W925E240 Datasheet
522Kb / 73P
   8-BIT CID MICROCONTROLLER
W925E240FG WINBOND-W925E240FG Datasheet
522Kb / 73P
   8-BIT CID MICROCONTROLLER
W925EP01 WINBOND-W925EP01 Datasheet
748Kb / 108P
   8-BIT CID MICROCONTROLLER
W925EP01FG WINBOND-W925EP01FG Datasheet
748Kb / 108P
   8-BIT CID MICROCONTROLLER
More results

Similar Description - W925E625FG

ManufacturerPart #DatasheetDescription
logo
Winbond
W925E240 WINBOND-W925E240 Datasheet
522Kb / 73P
   8-BIT CID MICROCONTROLLER
W925EP01 WINBOND-W925EP01 Datasheet
748Kb / 108P
   8-BIT CID MICROCONTROLLER
logo
Holtek Semiconductor In...
HT95R54 HOLTEK-HT95R54 Datasheet
541Kb / 80P
   CID Phone 8-Bit MCU
HT95CXXX HOLTEK-HT95CXXX Datasheet
416Kb / 51P
   CID Type Phone 8-Bit MCU
HT95C200 HOLTEK-HT95C200 Datasheet
324Kb / 50P
   8-Bit CID Type Phone Controller MCU
HT95R64 HOLTEK-HT95R64 Datasheet
546Kb / 82P
   CID Phone 8-Bit MCU with CPT
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com