Electronic Components Datasheet Search |
|
W6810 Datasheet(PDF) 7 Page - Winbond |
|
W6810 Datasheet(HTML) 7 Page - Winbond |
7 / 37 page W6810 Publication Release Date: July, 2006 - 7 - Revision A13 6. PIN DESCRIPTION Pin Name Pin No. Functionality VREF 1 This pin is used to bypass the on-chip 2.5V voltage reference. It needs to be decoupled to VSS through a 0.1 μF ceramic decoupling capacitor. No external loads should be tied to this pin. RO- 2 Inverting output of the receive smoothing filter. This pin can typically drive a 2 k Ω load to 1.575 volt peak referenced to the analog ground level. PAI 3 This pin is the inverting input to the power amplifier. Its DC level is at the VAG voltage. PAO- 4 Inverting power amplifier output. This pin can drive a 300 Ω load to 1.575 volt peak referenced to the VAG voltage level. PAO+ 5 Non-inverting power amplifier output. This pin can drive a 300 Ω load to 1.575 volt peak referenced to the VAG voltage level. VDD 6 Power supply. This pin should be decoupled to VSS with a 0.1μF ceramic capacitor. FSR 7 8 kHz Frame Sync input for the PCM receive section. This pin also selects channel 0 or channel 1 in the GCI and IDL modes. It can also be connected to the FST pin when transmit and receive are synchronous operations. PCMR 8 PCM input data receive pin. The data needs to be synchronous with the FSR and BCLKR pins. BCLKR 9 PCM receive bit clock input pin. This pin also selects the interface mode. The GCI mode is selected when this pin is tied to VSS. The IDL mode is selected when this pin is tied to VDD. This pin can also be tied to the BCLKT when transmit and receive are synchronous operations. PUI 10 Power up input signal. When this pin is tied to VDD, the part is powered up. When tied to VSS, the part is powered down. MCLK 11 System master clock input. Possible input frequencies are 256 kHz, 512 kHz, 1536 kHz, 1544 kHz, 2048 kHz, 2560 kHz & 4096 kHz. For a better performance, it is recommended to have the MCLK signal synchronous and aligned to the FST signal. This is a requirement in the case of 256 and 512 kHz frequency. BCLKT 12 PCM transmit bit clock input pin. PCMT 13 PCM output data transmit pin. The output data is synchronous with the FST and BCLKT pins. FST 14 8 kHz transmit frame sync input. This pin synchronizes the transmit data bytes. VSS 15 This is the supply ground. This pin should be connected to 0V. μ/A-Law 16 Compander mode select pin. μ-Law companding is selected when this pin is tied to V DD. A-Law companding is selected when this pin is tied to VSS. AO 17 Analog output of the first gain stage in the transmit path. AI- 18 Inverting input of the first gain stage in the transmit path. AI+ 19 Non-inverting input of the first gain stage in the transmit path. VAG 20 Mid-Supply analog ground pin, which supplies a 2.5 Volt reference voltage for all-analog signal processing. This pin should be decoupled to VSS with a 0.01μF capacitor. This pin becomes high impedance when the chip is powered down. |
Similar Part No. - W6810_06 |
|
Similar Description - W6810_06 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |