Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6811IW Datasheet(PDF) 8 Page - Winbond

Part # W6811IW
Description  SINGLE-CHANNEL VOICEBAND CODEC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W6811IW Datasheet(HTML) 8 Page - Winbond

Back Button W6811IW Datasheet HTML 4Page - Winbond W6811IW Datasheet HTML 5Page - Winbond W6811IW Datasheet HTML 6Page - Winbond W6811IW Datasheet HTML 7Page - Winbond W6811IW Datasheet HTML 8Page - Winbond W6811IW Datasheet HTML 9Page - Winbond W6811IW Datasheet HTML 10Page - Winbond W6811IW Datasheet HTML 11Page - Winbond W6811IW Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
W6811
Publication Release Date: September, 2005
- 8 -
Revision A12
7. FUNCTIONAL DESCRIPTION
W6811 is a single-rail, single channel PCM CODEC for voiceband applications. The CODEC complies
with the specifications of the ITU-T G.712 recommendation. The CODEC also includes a complete
μ-
Law and A-Law compander. The
μ-Law and A-Law companders are designed to comply with the
specifications of the ITU-T G.711 recommendation.
The block diagram in section 3 shows the main components of the W6811. The chip consists of a
PCM interface, which can process long and short frame sync formats, as well as GCI and IDL formats.
The pre-scaler of the chip provides the internal clock signals and synchronizes the CODEC sample
rate with the external frame sync frequency. The power conditioning block provides the internal power
supply for the digital and the analog section, while the voltage reference block provides a precision
analog ground voltage for the analog signal processing. The main CODEC block diagram is shown in
section 3.
Figure 7.1 The W6811 Signal Path
PAO+
PAO
8
μ/A-
Cont
AI+
AI -
w
μ/A-
Cont
o
AO
+
RO -
-
VA
G
7.1. TRANSMIT PATH
The A-to-D path of the CODEC contains an analog input amplifier with externally configurable gain
setting (see application examples in section 11). The device has an input operational amplifier whose
output is the input to the encoder section. If the input amplifier is not required for operation it can be
powered down and bypassed. In that case a single ended input signal can be applied to the AO pin or
the AI- pin. The AO pin becomes high input impedance when the input amplifier is powered down. The
input amplifier can be powered down by connecting the AI+ pin to VDDA or VSSA. The AO pin is selected
as an input when AI+ is tied to VDDA and the AI- pin is selected as an input when AI+ is tied to VSSA
(see Table 7.1).
Ant
Ant
-Aliasi
Filter
= 3400
Hz
i
-Aliasi
ng
Filter
fC = 200
Hz
High
Pas
Filt
Smooth
ngFilter
2
Hz
Filter
1
Smooth
ng
VAG
8
μ/A
Control
8
μ/A-
Control
+ -
- +
+
-
PAI
Ant
Ant
High Pass
-Aliasing
Filter
-
Aliasing
Filter
-
Filter
Filter
Smoothing
Filter
Filter
Filter
Filter
Smoothing
Receive Path
Transmit Path
D/A
Converter
+
-
-
A/D
Converter
fC= 3400Hz
fC= 3400Hz
C
= 200Hz
f


Similar Part No. - W6811IW

ManufacturerPart #DatasheetDescription
logo
Winbond
W6811IW WINBOND-W6811IW Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
More results

Similar Description - W6811IW

ManufacturerPart #DatasheetDescription
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Winbond
W6810 WINBOND-W6810_06 Datasheet
328Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681310 WINBOND-W681310_07 Datasheet
324Kb / 38P
   3V SINGLE-CHANNEL VOICEBAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com