Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83195CG-301 Datasheet(PDF) 7 Page - Winbond

Part # W83195CG-301
Description  Winbond Clock Generator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195CG-301 Datasheet(HTML) 7 Page - Winbond

Back Button W83195CG-301 Datasheet HTML 3Page - Winbond W83195CG-301 Datasheet HTML 4Page - Winbond W83195CG-301 Datasheet HTML 5Page - Winbond W83195CG-301 Datasheet HTML 6Page - Winbond W83195CG-301 Datasheet HTML 7Page - Winbond W83195CG-301 Datasheet HTML 8Page - Winbond W83195CG-301 Datasheet HTML 9Page - Winbond W83195CG-301 Datasheet HTML 10Page - Winbond W83195CG-301 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
STEPLESS FOR ATI P4 CLOCK GENERATOR
Publication Release Date: Feb 2006
- 3 -
Revision 0.6
W83195WG-301/W83195CG-301
5.
PIN DESCRIPTION
PIN
Pin Name
Type
Description
1
XIN
IN
Crystal output at 14.318MHz nominally with internal loading
capacitors (18pF).
2
XOUT
OUT
Crystal input with internal loading capacitors (18pF) and feedback
resistors.
3
VDD48
PWR Power supply for USB_48
4
*TURBO_SEL/USB_48
I/O
Real time input pin to change frequency to a pre-programmed.
3.3V USB 48Mhz clock output.
5
GND
PWR Ground pin
6
*VTT_PG/PD#
IN
Notifies CK410 to sample latched input or power down mode
7
SCLK
IN
Serial clock of I
2C 2-wire control interface.
8
SDATA
I/O
Serial data of I
2C 2-wire control interface.
9
RESET#
OUT
System reset signal when the watchdog is time out.
10
&CLKREQA#
IN
Dynamic output control
0 = active, 1 = inactive
11
&TURBO/&CLKREQB#
IN
Turbo function control.
Dynamic output control
0 = active, 1 = inactive
12
SRCT7
OUT
0.7V current mode differential clock output for SRC
13
SRCC7
OUT
0.7V current mode differential clock output for SRC
14
VDDSRC
PWR Power supply for SRC
15
GND
PWR Ground pin
16
SRCT6
OUT
0.7V current mode differential clock output for SRC
17
SRCC6
OUT
0.7V current mode differential clock output for SRC
18
SRCT5
OUT
0.7V current mode differential clock output for SRC
19
SRCC5
OUT
0.7V current mode differential clock output for SRC
20
GND
PWR Ground pin
21
VDDSRC
PWR Power supply for SRC
22
SRCT4
OUT
0.7V current mode differential clock output for SRC
23
SRCC4
OUT
0.7V current mode differential clock output for SRC
24
SRCT3
OUT
0.7V current mode differential clock output for SRC
25
SRCC3
OUT
0.7V current mode differential clock output for SRC
26
GND
PWR Ground pin
27
ATIGT1
OUT
0.7V current mode differential clock output for ATIG
28
ATIGC1
OUT
0.7V current mode differential clock output for ATIG


Similar Part No. - W83195CG-301

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195CG-382 WINBOND-W83195CG-382 Datasheet
260Kb / 27P
   Winbond Clock Generator
More results

Similar Description - W83195CG-301

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195CG-NP WINBOND-W83195CG-NP Datasheet
556Kb / 23P
   Winbond Clock Generator
W83195WG-413 WINBOND-W83195WG-413 Datasheet
254Kb / 27P
   Winbond Clock Generator
W83195WG-382 WINBOND-W83195WG-382 Datasheet
260Kb / 27P
   Winbond Clock Generator
W83115RG-BW WINBOND-W83115RG-BW Datasheet
357Kb / 30P
   Winbond Clock Generator
W83195WG-416 WINBOND-W83195WG-416 Datasheet
255Kb / 27P
   Winbond Clock Generator
W83195BR-101 WINBOND-W83195BR-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
logo
Nuvoton Technology Corp...
W83195CG-NP NUVOTON-W83195CG-NP Datasheet
411Kb / 26P
   Winbond Clock Generator W83195CG-NP For Intel Napa Platform
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83194BR-603 WINBOND-W83194BR-603 Datasheet
696Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-SD WINBOND-W83194BR-SD Datasheet
632Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com