Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC030P03NS3G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BSC030P03NS3G
Description  OptiMOS P3 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC030P03NS3G Datasheet(HTML) 7 Page - Infineon Technologies AG

  BSC030P03NS3G Datasheet HTML 1Page - Infineon Technologies AG BSC030P03NS3G Datasheet HTML 2Page - Infineon Technologies AG BSC030P03NS3G Datasheet HTML 3Page - Infineon Technologies AG BSC030P03NS3G Datasheet HTML 4Page - Infineon Technologies AG BSC030P03NS3G Datasheet HTML 5Page - Infineon Technologies AG BSC030P03NS3G Datasheet HTML 6Page - Infineon Technologies AG BSC030P03NS3G Datasheet HTML 7Page - Infineon Technologies AG BSC030P03NS3G Datasheet HTML 8Page - Infineon Technologies AG BSC030P03NS3G Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BSC030P03NS3 G
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 Ω
V GS=f(Q gate); I D=-50 A pulsed
parameter: T j(start)
parameter: V DD
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=-250 µA
-6 V
-15 V
-24 V
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
140
-Q gate [nC]
26
28
30
32
34
36
-60
-20
20
60
100
140
180
T j [°C]
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
25 °C
100 °C
125 °C
10
3
10
2
10
1
10
0
10
2
10
1
10
0
t AV [µs]
Rev. 2.1
page 7
2009-11-16


Similar Part No. - BSC030P03NS3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC030P03NS3G INFINEON-BSC030P03NS3G Datasheet
33Kb / 1P
   Material Content Data Sheet
4. August 2015
BSC030P03NS3G INFINEON-BSC030P03NS3G_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
4. August 2015
More results

Similar Description - BSC030P03NS3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ086P03NS3G INFINEON-BSZ086P03NS3G Datasheet
303Kb / 9P
   OptiMOS P3 Power-Transistor
Rev. 2.02 2009-11-16
BSZ120P03NS3EG INFINEON-BSZ120P03NS3EG Datasheet
303Kb / 9P
   OptiMOS P3 Power-Transistor
Rev. 2.1 2009-11-16
BSZ086P03NS3EG INFINEON-BSZ086P03NS3EG Datasheet
307Kb / 9P
   OptiMOS P3 Power-Transistor
Rev. 2.02 2009-11-16
BSZ180P03NS3EG INFINEON-BSZ180P03NS3EG Datasheet
304Kb / 9P
   OptiMOS P3 Power-Transistor
Rev. 2.1 2009-11-16
BSC084P03NS3G INFINEON-BSC084P03NS3G Datasheet
287Kb / 9P
   OptiMOS P3 Power-Transistor
Rev. 2.1 2009-11-16
BSC060P03NS3EG INFINEON-BSC060P03NS3EG Datasheet
290Kb / 9P
   OptiMOS P3 Power-Transistor
Rev. 2.1 2009-11-16
BSC084P03NS3EG INFINEON-BSC084P03NS3EG Datasheet
290Kb / 9P
   OptiMOS P3 Power-Transistor
Rev. 2.1 2009-11-16
BSL308PE INFINEON-BSL308PE Datasheet
246Kb / 9P
   OptiMOS??P3 Small-Signal-Transistor
Rev 2.02 2010-03-29
logo
ZP Semiconductor
BSS308PE ZPSEMI-BSS308PE Datasheet
262Kb / 3P
   OptiMOS??P3 Small-Signal-Transistor
logo
Infineon Technologies A...
BSL308C INFINEON-BSL308C Datasheet
291Kb / 13P
   OptiMOS??P3 Optimos??2 Small Signal Transistor
Rev.2.0 2009-03-31
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com