Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51216RUKT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51216RUKT
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51216RUKT Datasheet(HTML) 4 Page - Texas Instruments

  TPS51216RUKT Datasheet HTML 1Page - Texas Instruments TPS51216RUKT Datasheet HTML 2Page - Texas Instruments TPS51216RUKT Datasheet HTML 3Page - Texas Instruments TPS51216RUKT Datasheet HTML 4Page - Texas Instruments TPS51216RUKT Datasheet HTML 5Page - Texas Instruments TPS51216RUKT Datasheet HTML 6Page - Texas Instruments TPS51216RUKT Datasheet HTML 7Page - Texas Instruments TPS51216RUKT Datasheet HTML 8Page - Texas Instruments TPS51216RUKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TPS51216
SLUSAB9 – NOVEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VV5IN=5V, VLDOIN is connected to VDDQ output, VMODE=0V, VS3=VS5=5V (unless
otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IV5IN(S0)
V5IN supply current, in S0
TA = 25°C, No load, VS3 = VS5 = 5 V
590
mA
IV5IN(S3)
V5IN supply current, in S3
TA = 25°C, No load, VS3 = 0 V, VS5 = 5 V
500
mA
IV5INSDN
V5IN shutdown current
TA = 25°C, No load, VS3 = VS5 = 0 V
1
mA
IVLDOIN(S0)
VLDOIN supply current, in S0
TA = 25°C, No load, VS3 = VS5 = 5 V
5
mA
IVLDOIN(S3)
VLDOIN supply current, in S3
TA = 25°C, No load, VS3 = 0 V, VS5 = 5 V
5
mA
IVLDOINSDN
VLDOIN shutdown current
TA = 25°C, No load, VS3 = VS5 = 0 V
5
mA
VREF OUTPUT
IVREF = 30 mA, TA = 25°C
1.8000
VVREF
Output voltage
0 mA ≤ IVREF <300 mA, TA = –10°C to 85°C
1.7856
1.8144
V
0 mA ≤ IVREF <300 mA, TA = –40°C to 85°C
1.7820
1.8180
IVREFOCL
Current limit
VVREF = 1.7 V
0.4
0.8
mA
VTTREF OUTPUT
VVTTREF
Output voltage
VVDDQSNS/2
V
|IVTTREF| <100 mA, 1.2 V ≤ VVDDQSNS ≤ 1.8 V
49.2%
50.8%
VVTTREF
Output voltage tolerance to VVDDQ
|IVTTREF| <10 mA, 1.2 V ≤ VVDDQSNS ≤ 1.8 V
49%
51%
IVTTREFOCLSRC
Source current limit
VVDDQSNS = 1.8 V, VVTTREF= 0 V
10
18
mA
IVTTREFOCLSNK
Sink current limit
VVDDQSNS = 1.8 V, VVTTREF = 1.8 V
10
17
mA
IVTTREFDIS
VTTREF discharge current
TA = 25°C, VS3 = VS5 = 0 V, VVTTREF = 0.5 V
0.8
1.3
mA
VTT OUTPUT
VVTT
Output voltage
VVTTREF
V
|IVTT| ≤ 10 mA, 1.2 V ≤ VVDDQSNS ≤ 1.8 V, IVTTREF = 0 A
–20
20
|IVTT| ≤ 1 A, 1.2 ≤ VVDDQSNS ≤ 1.8 V, IVTTREF = 0 A
–30
30
VVTTTOL
Output voltage tolerance to VTTREF
mV
|IVTT| ≤ 2 A, 1.4 V ≤ VVDDQSNS ≤ 1.8 V, IVTTREF = 0 A
–40
40
|IVTT| ≤ 1.5 A, 1.2 V ≤ VVDDQSNS ≤ 1.4 V, IVTTREF = 0 A
–40
40
VVDDQSNS = 1.8 V, VVTT = VVTTSNS = 0.7 V,
IVTTOCLSRC
Source current limit
2
3
IVTTREF = 0 A
A
IVTTOCLSNK
Sink current limit
VVDDQSNS = 1.8V, VVTT = VVTTSNS = 1.1 V, IVTTREF = 0 A
2
3
IVTTLK
Leakage current
TA = 25°C , VS3 = 0 V, VS5 = 5 V, VVTT = VVTTREF
5
IVTTSNSBIAS
VTTSNS input bias current
VS3 = 5 V, VS5 = 5 V, VVTTSNS = VVTTREF
–0.5
0.0
0.5
mA
IVTTSNSLK
VTTSNS leakage current
VS3 = 0 V, VS5 = 5 V, VVTTSNS = VVTTREF
–1
0
1
TA = 25°C, VS3 = VS5 = 0 V, VVDDQSNS = 1.8 V,
IVTTDIS
VTT Discharge current
7.8
mA
VVTT = 0.5 V, IVTTREF = 0 A
VDDQ OUTPUT
VVDDQSNS
VDDQ sense voltage
VREFIN
VDDQSNS regulation voltage
VVDDQSNSTOL
TA = 25°C
–3
3
mV
tolerance to REFIN
IVDDQSNS
VDDQSNS input current
VVDDQSNS = 1.8 V
39
mA
IREFIN
REFIN input current
VREFIN = 1.8 V
–0.1
0.0
0.1
mA
VS3 = VS5 = 0 V, VVDDQSNS = 0.5 V, MODE pin pulled
IVDDQDIS
VDDQ discharge current
12
mA
down to GND through 47k
Ω (Non-tracking)
VS3 = VS5 = 0 V, VVDDQSNS = 0.5 V, MODE pin pulled
IVLDOINDIS
VLDOIN discharge current
1.2
A
down to GND through 100k
Ω (Non-tracking)
SWITCH MODE POWER SUPPLY (SMPS) FREQUENCY
VIN = 12 V, VVDDQSNS = 1.8 V, RMODE = 100 kΩ
300
fSW
VDDQ switching frequency
kHz
VIN = 12 V, VVDDQSNS = 1.8 V, RMODE = 200 kΩ
400
tON(min)
Minimum on time
DRVH rising to falling(1)
60
ns
tOFF(min)
Minimum off time
DRVH falling to rising
200
320
450
(1)
Ensured by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS51216


Similar Part No. - TPS51216RUKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51216RUKT TI1-TPS51216RUKT Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
More results

Similar Description - TPS51216RUKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
[Old version datasheet]   Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116-EP TI1-TPS51116-EP Datasheet
1Mb / 38P
[Old version datasheet]   COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116_16 Datasheet
1Mb / 45P
[Old version datasheet]   Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com