Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51211DSCR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51211DSCR
Description  HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51211DSCR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS51211DSCR Datasheet HTML 6Page - Texas Instruments TPS51211DSCR Datasheet HTML 7Page - Texas Instruments TPS51211DSCR Datasheet HTML 8Page - Texas Instruments TPS51211DSCR Datasheet HTML 9Page - Texas Instruments TPS51211DSCR Datasheet HTML 10Page - Texas Instruments TPS51211DSCR Datasheet HTML 11Page - Texas Instruments TPS51211DSCR Datasheet HTML 12Page - Texas Instruments TPS51211DSCR Datasheet HTML 13Page - Texas Instruments TPS51211DSCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
V
IN
= 12 V
I
OUT
= 20 A
EN (5 V/div)
V
OUT (0.5 V/div)
PGOOD (5 V/div)
t – Time – 500 µs/div
0.001
0.01
100
0.1
1
10
I
OUT – Output Current – A
0
100
50
80
70
60
V
OUT = 1.1 V
90
20
30
10
40
V
IN (V)
8
12
20
V
IN
= 12 V
I
OUT
= 0 A
EN (5 V/div)
PGOOD (5 V/div)
t – Time – 500 µs/div
0.5-V pre-biased
V
OUT
(0.5 V/div)
V
IN
= 12 V
I
OUT
= 0 A
EN (5 V/div)
PGOOD (5 V/div)
t – Time – 10 µs/div
DRVL (5 V/div)
V
OUT
(0.5 V/div)
TPS51211
SLUSAA7 – NOVEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
1.1-V EFFICIENCY
vs
OUTPUT CURRENT
Figure 9.
Figure 10. 1.1-V Start-Up Waveform
X
X
X
Figure 11. Pre-Biased Start-Up Waveform
Figure 12. 1.1-V Soft-Stop Waveform
X
X
X
X
X
X
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Similar Part No. - TPS51211DSCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51211 TI-TPS51211_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Single Synchronous Step-Down Controller For Notebook Power Supply
More results

Similar Description - TPS51211DSCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51211 TI-TPS51211_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Single Synchronous Step-Down Controller For Notebook Power Supply
TPS51217 TI-TPS51217 Datasheet
1,006Kb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI1-TPS51218_16 Datasheet
1,016Kb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51217 TI-TPS51217_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI-TPS51218 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
   Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Texas Instruments
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com