Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54327DDAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54327DDAR
Description  3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFTTM )
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54327DDAR Datasheet(HTML) 5 Page - Texas Instruments

  TPS54327DDAR Datasheet HTML 1Page - Texas Instruments TPS54327DDAR Datasheet HTML 2Page - Texas Instruments TPS54327DDAR Datasheet HTML 3Page - Texas Instruments TPS54327DDAR Datasheet HTML 4Page - Texas Instruments TPS54327DDAR Datasheet HTML 5Page - Texas Instruments TPS54327DDAR Datasheet HTML 6Page - Texas Instruments TPS54327DDAR Datasheet HTML 7Page - Texas Instruments TPS54327DDAR Datasheet HTML 8Page - Texas Instruments TPS54327DDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1
2
3
4
5
6
7
8
SW
GND
VBST
VIN
EN
VFB
VREG5
SS
TPS54327
(DDA)
Exposed
Thermal Pad
TPS54327
www.ti.com
SLVSAG1 – NOVEMBER 2010
DEVICE INFORMATION
DDA PACKAGE
(TOP VIEW)
PIN FUNCTIONS
PIN
DESCRIPTION
NAME
NO.
EN
1
Enable input control. Active high.
VFB
2
Converter feedback input. Connect to output voltage with feedback resistor divider.
5.5 V power supply output. A capacitor (typical 1 µF) should be connected to GND. VREG5 is not active
VREG5
3
when EN is low.
SS
4
Soft-start control. An external capacitor should be connected to GND.
Ground pin. Power ground return for switching circuit. Connect sensitive SS and VFB returns to GND at
GND
5
a single point.
SW
6
Enable control input. EN is active high and must be pulled up to enable the device.
Supply input for the high-side FET gate drive circuit. Connect 0.1µF capacitor between VBST and SW
VBST
7
pins. An internal diode is connected between VREG5 and VBST.
VIN
8
Input voltage supply pin.
Exposed Thermal
Thermal pad of the package. Must be soldered to achieve appropriate dissipation. Must be connected to
Back side
Pad
GND.
Copyright © 2010, Texas Instruments Incorporated
5
Product Folder Link(s): TPS54327


Similar Part No. - TPS54327DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54327DDAR TI1-TPS54327DDAR Datasheet
1Mb / 29P
[Old version datasheet]   Output Single Synchronous Step-Down Switcher
More results

Similar Description - TPS54327DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54327 TI-TPS54327_15 Datasheet
1Mb / 27P
[Old version datasheet]   3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET
TPS54425 TI-TPS54425_10 Datasheet
642Kb / 22P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54425 TI-TPS54425_15 Datasheet
1Mb / 25P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54327 TI1-TPS54327_15 Datasheet
1Mb / 29P
[Old version datasheet]   Output Single Synchronous Step-Down Switcher
logo
Integrated Device Techn...
IDTP9122 IDT-IDTP9122 Datasheet
631Kb / 16P
   Dual Channel Synchronous Step- Down Switcher with Integrated FET
IDTP9120 IDT-IDTP9120 Datasheet
1Mb / 24P
   Triple Channel Synchronous Step- Down Switcher with Integrated FET
logo
Texas Instruments
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com