Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP720 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BFP720
Description  C Heterojunction Wideband RF Bipolar Transistor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BFP720 Datasheet HTML 4Page - Infineon Technologies AG BFP720 Datasheet HTML 5Page - Infineon Technologies AG BFP720 Datasheet HTML 6Page - Infineon Technologies AG BFP720 Datasheet HTML 7Page - Infineon Technologies AG BFP720 Datasheet HTML 8Page - Infineon Technologies AG BFP720 Datasheet HTML 9Page - Infineon Technologies AG BFP720 Datasheet HTML 10Page - Infineon Technologies AG BFP720 Datasheet HTML 11Page - Infineon Technologies AG BFP720 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
BFP720
Product Brief
Data Sheet
8
Revision 1.0, 2009-01-20
2
Product Brief
The BFP720 is a wideband Silicon Germanium Carbon (SiGe:C) NPN Heterojunction Bipolar Transistor (HBT) in
a plastic 4-pin dual emitter SOT343 package. The device combines very high gain with lowest noise figure at low
operating current for use in a wide range of wireless applications. The BFP720 is especially well-suited for portable
battery-powered applications in which reduced power consumption is a key requirement. Collector design
supports operation voltages from 1.0 V to 4.0 V.
Table 1
Quick Reference DC Characteristics at
T
A = 25°C
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Collector-emitter breakdown voltage
V
(BR)CEO
44.7
V
I
C =1mA, IB =0 mA
Collector-base breakdown voltage
V
(BR)CBO
13
15
V
I
E =0mA
Collector current
I
C
––
25
mA
Total power dissipation
P
tot
––
100
mW
T
S ≤ 108 °C
DC current gain
h
FE
160
250
400
V
CE =3 V, IC =13mA


Similar Part No. - BFP720

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP720 INFINEON-BFP720 Datasheet
1Mb / 25P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-10-19
BFP720ESD INFINEON-BFP720ESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.0, 2010-06-29
BFP720F INFINEON-BFP720F Datasheet
1Mb / 26P
   C Heterojunction Wideband RF Bipolar Transistor
Revision 1.0, 2009-03-13
BFP720F INFINEON-BFP720F Datasheet
1Mb / 25P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-10-25
BFP720FESD INFINEON-BFP720FESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.1, 2010-06-29
More results

Similar Description - BFP720

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP720F INFINEON-BFP720F Datasheet
1Mb / 26P
   C Heterojunction Wideband RF Bipolar Transistor
Revision 1.0, 2009-03-13
logo
Freescale Semiconductor...
MMG3011NT1 FREESCALE-MMG3011NT1_12 Datasheet
362Kb / 15P
   Heterojunction Bipolar Transistor
MMG3015NT1 FREESCALE-MMG3015NT1_12 Datasheet
316Kb / 15P
   Heterojunction Bipolar Transistor
MMG3012NT1 FREESCALE-MMG3012NT1_12 Datasheet
499Kb / 15P
   Heterojunction Bipolar Transistor
MMZ09312B FREESCALE-MMZ09312B_12 Datasheet
1Mb / 20P
   Heterojunction Bipolar Transistor
MMG3013NT1 FREESCALE-MMG3013NT1_12 Datasheet
349Kb / 15P
   Heterojunction Bipolar Transistor
MMZ25332B FREESCALE-MMZ25332B Datasheet
543Kb / 10P
   Heterojunction Bipolar Transistor
MMG3001NT1 FREESCALE-MMG3001NT1_12 Datasheet
461Kb / 15P
   Heterojunction Bipolar Transistor
MMG3002NT1 FREESCALE-MMG3002NT1_12 Datasheet
559Kb / 16P
   Heterojunction Bipolar Transistor
MMG3007NT1 FREESCALE-MMG3007NT1_12 Datasheet
366Kb / 15P
   Heterojunction Bipolar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com