Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF-XC864L-1FRI3V3 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SAF-XC864L-1FRI3V3
Description  8-Bit Single-Chip Microcontroller
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-XC864L-1FRI3V3 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SAF-XC864L-1FRI3V3 Datasheet HTML 7Page - Infineon Technologies AG SAF-XC864L-1FRI3V3 Datasheet HTML 8Page - Infineon Technologies AG SAF-XC864L-1FRI3V3 Datasheet HTML 9Page - Infineon Technologies AG SAF-XC864L-1FRI3V3 Datasheet HTML 10Page - Infineon Technologies AG SAF-XC864L-1FRI3V3 Datasheet HTML 11Page - Infineon Technologies AG SAF-XC864L-1FRI3V3 Datasheet HTML 12Page - Infineon Technologies AG SAF-XC864L-1FRI3V3 Datasheet HTML 13Page - Infineon Technologies AG SAF-XC864L-1FRI3V3 Datasheet HTML 14Page - Infineon Technologies AG SAF-XC864L-1FRI3V3 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 118 page
background image
XC864
General Device Information
Data Sheet
7
V 1.1, 2009-03
2.4
Pin Definitions and Functions
Table 1
Pin Definitions and Functions
Symbol Pin
Number
Type Reset
State
Function
P0
I/O
Port 0
Port 0 is an 8-bit bidirectional general purpose
I/O port. It can be used as alternate functions
for the JTAG, CCU6, UART, Timer 2 and SSC.
P0.0
5
Hi-Z
TCK_0
T12HR_1
CC61_1
CLKOUT_0
RXDO_1
JTAG Clock Input
CCU6 Timer 12 Hardware Run
Input
Input/Output of Capture/
Compare channel 1
Clock Output
UART Transmit Data Output
P0.1
7
Hi-Z
TDI_0
T13HR_1
RXD_1
COUT61_1
EXF2_1
JTAG Serial Data Input
CCU6 Timer 13 Hardware Run
Input
UART Receive Data Input
Output of Capture/Compare
channel 1
Timer 2 External Flag Output
P0.2
6
PU
CTRAP_2
TDO_0
TXD_1
CCU6 Trap Input
JTAG Serial Data Output
UART Transmit Data Output/
Clock Output
P0.3
19
Hi-Z
SCK_1
COUT63_1
SSC Clock Input/Output
Output of Capture/Compare
channel 3
P0.4
20
Hi-Z
MTSR_1
CC62_1
SSC Master Transmit Output/
Slave Receive Input
Input/Output of Capture/
Compare channel 2
P0.5
1
Hi-Z
MRST_1
EXINT0_0
COUT62_1
SSC Master Receive Input/Slave
Transmit Output
External Interrupt Input 0
Output of Capture/Compare
channel 2


Similar Part No. - SAF-XC864L-1FRI3V3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-XC822-1FRA INFINEON-SAF-XC822-1FRA Datasheet
1Mb / 52P
   8-Bit Single-Chip Microcontroller
V1.1 2010-10
SAF-XC822-1FRA INFINEON-SAF-XC822-1FRA Datasheet
1Mb / 52P
   8-Bit Single-Chip Microcontroller
V1.2 2011-10
SAF-XC822-1FRI INFINEON-SAF-XC822-1FRI Datasheet
1Mb / 52P
   8-Bit Single-Chip Microcontroller
V1.1 2010-10
SAF-XC822-1FRI INFINEON-SAF-XC822-1FRI Datasheet
1Mb / 52P
   8-Bit Single-Chip Microcontroller
V1.2 2011-10
SAF-XC822M-1FRI INFINEON-SAF-XC822M-1FRI Datasheet
1Mb / 52P
   8-Bit Single-Chip Microcontroller
V1.1 2010-10
More results

Similar Description - SAF-XC864L-1FRI3V3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com