Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83310DS-A Datasheet(PDF) 10 Page - Winbond

Part # W83310DS-A
Description  Bus Termination Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83310DS-A Datasheet(HTML) 10 Page - Winbond

Back Button W83310DS-A Datasheet HTML 6Page - Winbond W83310DS-A Datasheet HTML 7Page - Winbond W83310DS-A Datasheet HTML 8Page - Winbond W83310DS-A Datasheet HTML 9Page - Winbond W83310DS-A Datasheet HTML 10Page - Winbond W83310DS-A Datasheet HTML 11Page - Winbond W83310DS-A Datasheet HTML 12Page - Winbond W83310DS-A Datasheet HTML 13Page - Winbond W83310DS-A Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
W83310DS-A/W83310DG-A
Publication Date: January 17, 2006
- 7 -
Revision 0.5
Load regulation with test condition - VCTRL=3.3V; VIN=2.5V; VOUT=1.45V; 2.0Amp pulse driving current.
Load regulation with test condition - VCTRL=3.3V; VIN=2.5V; VOUT=1.45V; 2.0Amp pulse sinking
current.


Similar Part No. - W83310DS-A

ManufacturerPart #DatasheetDescription
logo
Winbond
W83310DS WINBOND-W83310DS Datasheet
439Kb / 14P
   Bus Termination Regulator
More results

Similar Description - W83310DS-A

ManufacturerPart #DatasheetDescription
logo
Winbond
W83310S-R2 WINBOND-W83310S-R2 Datasheet
473Kb / 13P
   Bus Termination Regulator
W83310U WINBOND-W83310U Datasheet
326Kb / 13P
   Bus Termination Regulator
logo
Nuvoton Technology Corp...
NCT3101S NUVOTON-NCT3101S Datasheet
669Kb / 20P
   Bus Termination Regulator
logo
Winbond
W83310S-R WINBOND-W83310S-R Datasheet
324Kb / 14P
   Bus Termination Regulator
W83310S-N WINBOND-W83310S-N Datasheet
376Kb / 12P
   Bus Termination Regulator
logo
Analog Microelectronics
AME9172M AME-AME9172M Datasheet
122Kb / 15P
   Bus Termination Regulator
AT9173 AME-AT9173 Datasheet
462Kb / 17P
   Bus Termination Regulator
logo
Winbond
W83310DS WINBOND-W83310DS Datasheet
439Kb / 14P
   Bus Termination Regulator
logo
Analog Microelectronics
AME9172 AME-AME9172 Datasheet
417Kb / 16P
   Bus Termination Regulator
logo
Fairchild Semiconductor
ML6553 FAIRCHILD-ML6553 Datasheet
115Kb / 7P
   Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com