Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSD235C Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSD235C
Description  OptiMOS??2 OptiMOS??P 2 Small Signal Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSD235C Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSD235C Datasheet HTML 1Page - Infineon Technologies AG BSD235C Datasheet HTML 2Page - Infineon Technologies AG BSD235C Datasheet HTML 3Page - Infineon Technologies AG BSD235C Datasheet HTML 4Page - Infineon Technologies AG BSD235C Datasheet HTML 5Page - Infineon Technologies AG BSD235C Datasheet HTML 6Page - Infineon Technologies AG BSD235C Datasheet HTML 7Page - Infineon Technologies AG BSD235C Datasheet HTML 8Page - Infineon Technologies AG BSD235C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BSD235C
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
P C iss
-37-
pF
N
-
47
-
Output capacitance
P C oss
-17-
N
-
24
-
Reverse transfer capacitance
P Crss
-14-
N-
3
-
Turn-on delay time
P t d(on)
-
3.8
-
ns
N
-
3.8
-
Rise time
P t r
-
5.0
-
N
-
3.6
-
Turn-off delay time
P t d(off)
-
5.1
-
N
-
4.5
-
Fall time
P t f
-
3.2
-
N
-
1.2
-
Gate Charge Characteristics
Gate to source charge
P Q gs
-
-0.09
-
nC
Gate to drain charge
Q gd
-
-0.2
-
Switching charge
Q g
-
-0.4
-
Gate plateau voltage
V plateau
-
-2.4
-
Gate to source charge
N Q gs
-
0.11
-
Gate to drain charge
Q gd
-
0.09
-
Switching charge
Q g
-
0.34
-
Gate plateau voltage
V plateau
-
2.4
-
V DD=16 V,
I D=0.95 A,
V GS=0 to 4.5 V
Values
V GS=0 V,
P: V DS=-10 V,
N: V DS= 10 V,
f =1 MHz
P: V DD=-10 V,
V GS=-4.5 V, R G=6 Ω,
I D=-0.53 A
N: V DD=10 V,
V GS=4.5 V, R G=6 Ω,
I D=0.95 A
V DD=-10 V,
I D=-0.53 A,
V GS=0 to -4.5 V
Rev.2.1
page 3
2009-02-11


Similar Part No. - BSD235C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSD235C INFINEON-BSD235C Datasheet
527Kb / 13P
   OptiMOS??2 OptiMOS??P 2 Small Signal Transistor
Rev.2.4 2015-10-08
BSD235C INFINEON-BSD235C Datasheet
2Mb / 20P
   Single-channel isolated gate driver IC with adjustable DESAT and soft-off
v1.0 2020-05-27
BSD235C INFINEON-BSD235C_15 Datasheet
527Kb / 13P
   OptiMOS??2 OptiMOS??P 2 Small Signal Transistor
Rev.2.4 2015-10-08
More results

Similar Description - BSD235C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSD235C INFINEON-BSD235C_15 Datasheet
527Kb / 13P
   OptiMOS??2 OptiMOS??P 2 Small Signal Transistor
Rev.2.4 2015-10-08
BSL316C INFINEON-BSL316C Datasheet
278Kb / 13P
   OptiMOS??2 OptiMOS??P 2 Small Signal Transistor
Rev. 2.1 2009-02-10
BSL215C INFINEON-BSL215C Datasheet
280Kb / 13P
   OptiMOS?? OptiMOS??P 2 Small Signal Transistor
Rev.2.1 2009-02-10
BSL215C INFINEON-BSL215C_13 Datasheet
411Kb / 13P
   OptiMOS?? OptiMOS??P 2 Small Signal Transistor
Rev.2.2 2013-11-06
BSZ215CH INFINEON-BSZ215CH Datasheet
536Kb / 13P
   OptiMOS?? OptiMOS??P 2 Small Signal Transistor
Rev 2.0 2015-07-15
BSL315P INFINEON-BSL315P Datasheet
239Kb / 9P
   OptiMOS??P 2 Small-Signal-Transistor
Rev 2.2 2010-03-29
logo
TY Semiconductor Co., L...
BSS315P TYSEMI-BSS315P Datasheet
127Kb / 3P
   OptiMOS-P 2 Small-Signal-Transistor
logo
Infineon Technologies A...
BSS315P INFINEON-BSS315P Datasheet
274Kb / 9P
   OptiMOS??P 2 Small-Signal-Transistor
Rev 2.2 2010-03-29
logo
ZP Semiconductor
BSS315P ZPSEMI-BSS315P Datasheet
214Kb / 3P
   OptiMOS??P 2 Small-Signal-Transistor
logo
Infineon Technologies A...
BSL308C INFINEON-BSL308C Datasheet
291Kb / 13P
   OptiMOS??P3 Optimos??2 Small Signal Transistor
Rev.2.0 2009-03-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com