Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSD840N Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSD840N
Description  OptiMOS?? Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSD840N Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSD840N Datasheet HTML 1Page - Infineon Technologies AG BSD840N Datasheet HTML 2Page - Infineon Technologies AG BSD840N Datasheet HTML 3Page - Infineon Technologies AG BSD840N Datasheet HTML 4Page - Infineon Technologies AG BSD840N Datasheet HTML 5Page - Infineon Technologies AG BSD840N Datasheet HTML 6Page - Infineon Technologies AG BSD840N Datasheet HTML 7Page - Infineon Technologies AG BSD840N Datasheet HTML 8Page - Infineon Technologies AG BSD840N Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BSD840N
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
0
1
2
3
4
5
01
122
33
I D [A]
25 °C
150 °C
0
0.4
0.8
1.2
1.6
2
0.0
0.5
1.0
1.5
2.0
2.5
V GS [V]
1.2 V
1.3 V
1.4 V
1.5 V
1.6 V
1.8 V
2 V
2.5 V
0
0.4
0.8
1.2
1.6
2
0
0.2
0.4
0.6
0.8
1
V DS [V]
1.3 V
1.4 V
1.5 V
1.6 V
1.8 V
2 V
2.5 V
0
100
200
300
400
500
600
700
800
900
0
0.2
0.4
0.6
0.8
1
I D [A]
Rev 2.2
page 5
2010-03-26


Similar Part No. - BSD840N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSD840N INFINEON-BSD840N Datasheet
442Kb / 9P
   Dual N-channel
Rev 2.4 2014-09-19
BSD840N INFINEON-BSD840N_14 Datasheet
442Kb / 9P
   Dual N-channel
Rev 2.4 2014-09-19
More results

Similar Description - BSD840N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS205N INFINEON-BSS205N Datasheet
271Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.3 2010-03-25
BSS306N INFINEON-BSS306N Datasheet
271Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-25
BSS316N INFINEON-BSS316N Datasheet
278Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-25
BSS816NW INFINEON-BSS816NW Datasheet
234Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2009-02-11
BSO4822 INFINEON-BSO4822 Datasheet
100Kb / 8P
   OptiMOS Small-Signal-Transistor
2002-01-28
BSL806N INFINEON-BSL806N Datasheet
241Kb / 9P
   OptiMOS?? Small-Signal-Transistor
2010-03-29
BSL306N INFINEON-BSL306N_13 Datasheet
367Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.4 2013-11-06
BSS123N INFINEON-BSS123N Datasheet
633Kb / 9P
   OptiMOS??Small-Signal-Transistor
Rev 2.3 2012-11-21
BSP373N INFINEON-BSP373N Datasheet
569Kb / 9P
   OptiMOS??Small-Signal-Transistor
Rev 2.0 2013-04-04
logo
ZP Semiconductor
BSS205N ZPSEMI-BSS205N Datasheet
211Kb / 3P
   OptiMOS?? Small-Signal-Transistor
BSS214N ZPSEMI-BSS214N Datasheet
212Kb / 3P
   OptiMOS?? Small-Signal-Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com