Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSF024N03LT3G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSF024N03LT3G
Description  OptiMOS3 Power-MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSF024N03LT3G Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSF024N03LT3G Datasheet HTML 1Page - Infineon Technologies AG BSF024N03LT3G Datasheet HTML 2Page - Infineon Technologies AG BSF024N03LT3G Datasheet HTML 3Page - Infineon Technologies AG BSF024N03LT3G Datasheet HTML 4Page - Infineon Technologies AG BSF024N03LT3G Datasheet HTML 5Page - Infineon Technologies AG BSF024N03LT3G Datasheet HTML 6Page - Infineon Technologies AG BSF024N03LT3G Datasheet HTML 7Page - Infineon Technologies AG BSF024N03LT3G Datasheet HTML 8Page - Infineon Technologies AG BSF024N03LT3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BSF024N03LT3 G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
4100
5500
pF
Output capacitance
C oss
-
1730
2300
Reverse transfer capacitance
Crss
-84-
Turn-on delay time
t d(on)
-
5.7
-
ns
Rise time
t r
-
5.6
-
Turn-off delay time
t d(off)
-29-
Fall time
t f
-
4.8
-
Gate Charge Characteristics
6)
Gate to source charge
Q gs
-
11.9
-
nC
Gate charge at threshold
Q g(th)
-
6.6
-
Gate to drain charge
Q gd
-
5.8
-
Switching charge
Q sw
-
11.1
-
Gate charge total
Q g
-26
34
Gate plateau voltage
V plateau
-
2.9
-
V
Gate charge total
Q g
V DD=15 V, I D=30 A,
V GS=0 to 10 V
-53
71
Gate charge total, sync. FET
Q g(sync)
V DS=0.1 V,
V GS=0 to 4.5 V
-22-
nC
Output charge
Q oss
V DD=15 V, V GS=0 V
-36-
Reverse Diode
Diode continuous forward current
I S
-
-
38
A
Diode pulse current
I S,pulse
-
-
400
Diode forward voltage
V SD
V GS=0 V, I F=30 A,
T j=25 °C
-
0.81
V
Reverse recovery charge
Q rr
V R=15 V, I F=I S,
di F/dt =400 A/µs
-
-
28
nC
6) See figure 16 for gate charge parameter definition
T C=25 °C
Values
V GS=0 V, V DS=15 V,
f =1 MHz
V DD=15 V, V GS=10 V,
I D=30 A, R G=1.6 Ω
V DD=15 V, I D=30 A,
V GS=0 to 4.5 V
Rev. 2.0
page 3
2009-06-16


Similar Part No. - BSF024N03LT3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSF030NE2LQ INFINEON-BSF030NE2LQ Datasheet
1Mb / 13P
   n-Channel Power MOSFET
V2.0, 2011-03-18
BSF035NE2LQ INFINEON-BSF035NE2LQ Datasheet
910Kb / 11P
   OptiMOSTM Power-MOSFET
Rev. 1.3 2013-09-20
BSF045N03MQ3G INFINEON-BSF045N03MQ3G Datasheet
611Kb / 11P
   Power-MOSFET
2008-11-12 revision:1.0
BSF050N03LQ3G INFINEON-BSF050N03LQ3G Datasheet
294Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSF053N03LTG INFINEON-BSF053N03LTG Datasheet
297Kb / 11P
   OptiMOS2 Power-MOSFET
Rev. 2.0 2009-05-11
More results

Similar Description - BSF024N03LT3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSB014N04LX3G INFINEON-BSB014N04LX3G Datasheet
290Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSB015N04NX3G INFINEON-BSB015N04NX3G Datasheet
289Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSF050N03LQ3G INFINEON-BSF050N03LQ3G Datasheet
294Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSB012N03LX3G INFINEON-BSB012N03LX3G Datasheet
292Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.1 2009-11-17
BSB017N03LX3G INFINEON-BSB017N03LX3G Datasheet
290Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSC018N04LSG INFINEON-BSC018N04LSG Datasheet
373Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.4 2009-10-22
BSC190N12NS3G INFINEON-BSC190N12NS3G Datasheet
440Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-30
BSC067N06LS3G INFINEON-BSC067N06LS3G Datasheet
328Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.2 2010-08-31
IPA105N15N3G INFINEON-IPA105N15N3G Datasheet
555Kb / 9P
   OptiMOS3 Power-Transistor
2009-12-15 revision:2.1
IPB065N15N3G INFINEON-IPB065N15N3G Datasheet
643Kb / 9P
   OptiMOS3 Power-Transistor
2010-01-25 revision:2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com