Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83602R Datasheet(PDF) 7 Page - Winbond

Part # W83602R
Description  Winbond GPI/O IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83602R Datasheet(HTML) 7 Page - Winbond

Back Button W83602R Datasheet HTML 3Page - Winbond W83602R Datasheet HTML 4Page - Winbond W83602R Datasheet HTML 5Page - Winbond W83602R Datasheet HTML 6Page - Winbond W83602R Datasheet HTML 7Page - Winbond W83602R Datasheet HTML 8Page - Winbond W83602R Datasheet HTML 9Page - Winbond W83602R Datasheet HTML 10Page - Winbond W83602R Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
W83601R/G/W83602R/G
Publication Release Date: May 26, 2005
- 7 -
Revision 1.0
7.
REGISTERS
7.1
Brief of register contents
INDEX
R/W
DEFAULT
REGISTERS DESCRIPTION
00h
R
-
GP Port 1: Input Port Data Register
01h
R/W
00
GP Port 1: Output Port Data Register
02h
R/W
f0
GP Port 1: Polarity Inversion Register
03h
R/W
ff
GP Port 1: Input/Output Configuration Register
04h
R/W
00
GP Port 1: Output style control Register.
05h
R
-
GP Port 1: Input Latched Data Register.
06-07h
-
-
Reserved Register
08h
R
-
GP Port 2: Input Port Register
09h
R/W
00
GP Port 2: Output Port Register
0Ah
R/W
70
GP Port 2: Polarity Inversion Register
0Bh
R/W
7f
GP Port 2: Input/Output Configuration Register
0Ch
R/W
00
GP Port 2: Output style control Register.
0Dh
R
-
GP Port 2: Input Latched Data Register.
0E-0F
h
-
-
Reserved Register
10h
R
00
GP Port 1: Interrupt Status Register.
11h
R
00
GP Port 2: Interrupt Status Register
12h
R/W
00
GP Port 1: Interrupt Enable Register
13h
R/W
00
GP Port 2: Interrupt Enable Register
14h
R/W
00
Mode Configuration Register
15h
R/W
00
Power LED Configuration Register
16-1F
h
-
-
Reserved Register
20h
R
60
Chip ID High Byte Register
21h
R
12
22
Chip ID Low Byte Register (W83601R/G)
Chip ID Low Byte Register (W83602R/G)


Similar Part No. - W83602R

ManufacturerPart #DatasheetDescription
logo
Winbond
W83602R WINBOND-W83602R Datasheet
194Kb / 17P
   Winbond SMBus GPI/O
W83602R WINBOND-W83602R Datasheet
223Kb / 18P
   WINBOND GPI/O IC
More results

Similar Description - W83602R

ManufacturerPart #DatasheetDescription
logo
Winbond
W83601R602R WINBOND-W83601R602R Datasheet
223Kb / 18P
   WINBOND GPI/O IC
W83601R WINBOND-W83601R Datasheet
194Kb / 17P
   Winbond SMBus GPI/O
W83601GR WINBOND-W83601GR_07 Datasheet
431Kb / 19P
   GPI/O IC
logo
Nuvoton Technology Corp...
W83601G NUVOTON-W83601G Datasheet
425Kb / 19P
   Nuvoton GPI/O Expander
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com