Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSL308C Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSL308C
Description  OptiMOS??P3 Optimos??2 Small Signal Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSL308C Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSL308C Datasheet HTML 1Page - Infineon Technologies AG BSL308C Datasheet HTML 2Page - Infineon Technologies AG BSL308C Datasheet HTML 3Page - Infineon Technologies AG BSL308C Datasheet HTML 4Page - Infineon Technologies AG BSL308C Datasheet HTML 5Page - Infineon Technologies AG BSL308C Datasheet HTML 6Page - Infineon Technologies AG BSL308C Datasheet HTML 7Page - Infineon Technologies AG BSL308C Datasheet HTML 8Page - Infineon Technologies AG BSL308C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BSL308C
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
P
N
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
P V (BR)DSS V GS=0 V, I D=-250 µA
-
-
-30
V
N
V GS=0 V, I D=250 µA
30
-
-
Gate threshold voltage
P V GS(th)
V DS=V GS, I D=-11µA
-2
-1.5
-1
N
V DS=V GS, I D=11 µA
1.2
1.6
2
Zero gate voltage drain current
P I DSS
V DS=-30 V, V GS=0 V,
T j=25 °C
-
-
-1
µA
N
V DS=30 V, V GS=0 V,
T j=25 °C
--
1
P
V DS=-30 V, V GS=0 V,
T j=150 °C
-
-
-100
N
V DS=30 V, V GS=0 V,
T j=150 °C
-
-
100
Gate-source leakage current
P
N
P R DS(on)
V GS=-4.5 V,
I D=-1.7 A
-
88
130
m
N
V GS=4.5 V, I D=1.85 A
-67
93
P
V GS=-10 V,
I D=-2.0 A
-62
80
N
V GS=10 V, I D=2.3 A
-44
57
Transconductance
P g fs
|V DS|>2|I D|R DS(on)max,
I D=-1.6 A
-
4.6
-
S
N
|V DS|>2|I D|R DS(on)max,
I D=1.8 A
-5
-
±100
R thJA
nA
I GSS
-
V GS=±20 V, V DS=0 V
-
Values
2) Performed on 40mm2 FR4 PCB. The traces are 1mm wide, 70µm thick and 20mm long; they are present on both sides
of the PCB
Drain-source on-state
resistance
Thermal resistance, junction -
ambient
1)
-
-
250
minimal footprint
2)
K/W
Rev.2.0
page 2
2009-03-31


Similar Part No. - BSL308C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSL308C INFINEON-BSL308C Datasheet
412Kb / 13P
   OptiMOS??P3 Optimos??2 Small Signal Transistor
Rev.2.1 2013-11-07
BSL308C INFINEON-BSL308C_13 Datasheet
412Kb / 13P
   OptiMOS??P3 Optimos??2 Small Signal Transistor
Rev.2.1 2013-11-07
More results

Similar Description - BSL308C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSL308C INFINEON-BSL308C_13 Datasheet
412Kb / 13P
   OptiMOS??P3 Optimos??2 Small Signal Transistor
Rev.2.1 2013-11-07
BSL308PE INFINEON-BSL308PE Datasheet
246Kb / 9P
   OptiMOS??P3 Small-Signal-Transistor
Rev 2.02 2010-03-29
logo
ZP Semiconductor
BSS308PE ZPSEMI-BSS308PE Datasheet
262Kb / 3P
   OptiMOS??P3 Small-Signal-Transistor
logo
TY Semiconductor Co., L...
BSS308PE TYSEMI-BSS308PE Datasheet
176Kb / 3P
   OptiMOS P3 Small-Signal-Transistor
logo
Infineon Technologies A...
BSS308PE INFINEON-BSS308PE Datasheet
248Kb / 9P
   OptiMOS??P3 Small-Signal-Transistor
Rev 2.02 2010-03-29
BSL308PE INFINEON-BSL308PE_13 Datasheet
364Kb / 9P
   OptiMOS??P3 Small-Signal-Transistor
Rev 2.03 2013-11-07
BSL215C INFINEON-BSL215C Datasheet
280Kb / 13P
   OptiMOS?? OptiMOS??P 2 Small Signal Transistor
Rev.2.1 2009-02-10
BSL215C INFINEON-BSL215C_13 Datasheet
411Kb / 13P
   OptiMOS?? OptiMOS??P 2 Small Signal Transistor
Rev.2.2 2013-11-06
BSZ215CH INFINEON-BSZ215CH Datasheet
536Kb / 13P
   OptiMOS?? OptiMOS??P 2 Small Signal Transistor
Rev 2.0 2015-07-15
BSD235C INFINEON-BSD235C_15 Datasheet
527Kb / 13P
   OptiMOS??2 OptiMOS??P 2 Small Signal Transistor
Rev.2.4 2015-10-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com