Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSL806N Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSL806N
Description  OptiMOS?? Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSL806N Datasheet(HTML) 6 Page - Infineon Technologies AG

  BSL806N Datasheet HTML 1Page - Infineon Technologies AG BSL806N Datasheet HTML 2Page - Infineon Technologies AG BSL806N Datasheet HTML 3Page - Infineon Technologies AG BSL806N Datasheet HTML 4Page - Infineon Technologies AG BSL806N Datasheet HTML 5Page - Infineon Technologies AG BSL806N Datasheet HTML 6Page - Infineon Technologies AG BSL806N Datasheet HTML 7Page - Infineon Technologies AG BSL806N Datasheet HTML 8Page - Infineon Technologies AG BSL806N Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BSL806N
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R DS(on)=f(T j); I D=2.3 A; V GS=2.5 V
V GS(th)=f(T j); V DS=VGS; I D=11 µA
parameter: I D
11 Typ. capacitances
12 Forward characteristics of reverse diode
C =f(V DS); V GS=0 V; f =1 MHz; Tj=25°C
I F=f(V SD)
parameter: T j
typ
98 %
0
20
40
60
80
100
-60
-20
20
60
100
140
180
T j [°C]
typ
98 %
2 %
-0.4
0
0.4
0.8
1.2
-60
-20
20
60
100
140
180
T j [°C]
Ciss
Coss
Crss
10
1
10
2
10
3
0
5
10
15
20
V DS [V]
25 °C
150 °C
25 °C, 98%
150 °C, 98%
10
1
10
0
10
-1
10
-2
10
-3
0
0.4
0.8
1.2
1.6
V SD [V]
page 6
2010-03-29


Similar Part No. - BSL806N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSL802SN INFINEON-BSL802SN Datasheet
194Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-26
More results

Similar Description - BSL806N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS205N INFINEON-BSS205N Datasheet
271Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.3 2010-03-25
BSS306N INFINEON-BSS306N Datasheet
271Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-25
BSS316N INFINEON-BSS316N Datasheet
278Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-25
BSS816NW INFINEON-BSS816NW Datasheet
234Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2009-02-11
BSO4822 INFINEON-BSO4822 Datasheet
100Kb / 8P
   OptiMOS Small-Signal-Transistor
2002-01-28
BSL306N INFINEON-BSL306N_13 Datasheet
367Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.4 2013-11-06
BSS123N INFINEON-BSS123N Datasheet
633Kb / 9P
   OptiMOS??Small-Signal-Transistor
Rev 2.3 2012-11-21
BSP373N INFINEON-BSP373N Datasheet
569Kb / 9P
   OptiMOS??Small-Signal-Transistor
Rev 2.0 2013-04-04
logo
ZP Semiconductor
BSS205N ZPSEMI-BSS205N Datasheet
211Kb / 3P
   OptiMOS?? Small-Signal-Transistor
BSS214N ZPSEMI-BSS214N Datasheet
212Kb / 3P
   OptiMOS?? Small-Signal-Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com