Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSL806N Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSL806N
Description  OptiMOS?? Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSL806N Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSL806N Datasheet HTML 1Page - Infineon Technologies AG BSL806N Datasheet HTML 2Page - Infineon Technologies AG BSL806N Datasheet HTML 3Page - Infineon Technologies AG BSL806N Datasheet HTML 4Page - Infineon Technologies AG BSL806N Datasheet HTML 5Page - Infineon Technologies AG BSL806N Datasheet HTML 6Page - Infineon Technologies AG BSL806N Datasheet HTML 7Page - Infineon Technologies AG BSL806N Datasheet HTML 8Page - Infineon Technologies AG BSL806N Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BSL806N
OptiMOS
2 Small-Signal-Transistor
Features
• Dual N-channel
• Enhancement mode
• Ultra Logic level (1.8V rated)
• Avalanche rated
• Qualified according to AEC Q101
•100% lead-free; RoHS compliant
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
(1)
Symbol Conditions
Unit
Continuous drain current
I D
T A=25 °C
2.3
A
T A=70 °C
1.9
Pulsed drain current
I D,pulse
T A=25 °C
9.3
Avalanche energy, single pulse
E AS
I D=2.3 A, R GS=25 Ω
10.8
mJ
Reverse diode dv /dt
dv /dt
I D=2.3 A, V DS=16 V,
di /dt =200 A/µs,
T j,max=150 °C
6
kV/µs
Gate source voltage
V GS
±8
V
Power dissipation
1)
P tot
T A=25 °C
W
Operating and storage temperature
T j, T stg
-55 ... 150
°C
ESD Class
JESD22-A114 -HBM
0 (<250V)
Soldering Temperature
260 °C
IEC climatic category; DIN IEC 68-1
55/150/56
1) Remark: one of both transistors active
Value
0.5
PG-TSOP6
1
2
3
4
5
6
Type
Package
Tape and Reel Information
Marking
Lead Free
Packing
BSL806N
PG-TSOP6
L6327: 3000 pcs/ reel
sPQ
Yes
Non dry
V DS
20
V
R DS(on),max
V GS=2.5 V
57
m
V GS=1.8 V
82
I D
2.3
A
Product Summary
page 1
2010-03-29


Similar Part No. - BSL806N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSL802SN INFINEON-BSL802SN Datasheet
194Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-26
More results

Similar Description - BSL806N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS205N INFINEON-BSS205N Datasheet
271Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.3 2010-03-25
BSS306N INFINEON-BSS306N Datasheet
271Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-25
BSS316N INFINEON-BSS316N Datasheet
278Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-25
BSS816NW INFINEON-BSS816NW Datasheet
234Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2009-02-11
BSO4822 INFINEON-BSO4822 Datasheet
100Kb / 8P
   OptiMOS Small-Signal-Transistor
2002-01-28
BSL306N INFINEON-BSL306N_13 Datasheet
367Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.4 2013-11-06
BSS123N INFINEON-BSS123N Datasheet
633Kb / 9P
   OptiMOS??Small-Signal-Transistor
Rev 2.3 2012-11-21
BSP373N INFINEON-BSP373N Datasheet
569Kb / 9P
   OptiMOS??Small-Signal-Transistor
Rev 2.0 2013-04-04
logo
ZP Semiconductor
BSS205N ZPSEMI-BSS205N Datasheet
211Kb / 3P
   OptiMOS?? Small-Signal-Transistor
BSS214N ZPSEMI-BSS214N Datasheet
212Kb / 3P
   OptiMOS?? Small-Signal-Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com