Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83783S Datasheet(PDF) 3 Page - Winbond

Part # W83783S
Description  Winbond H/W Monitoring IC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83783S Datasheet(HTML) 3 Page - Winbond

  W83783S_07 Datasheet HTML 1Page - Winbond W83783S_07 Datasheet HTML 2Page - Winbond W83783S_07 Datasheet HTML 3Page - Winbond W83783S_07 Datasheet HTML 4Page - Winbond W83783S_07 Datasheet HTML 5Page - Winbond W83783S_07 Datasheet HTML 6Page - Winbond W83783S_07 Datasheet HTML 7Page - Winbond W83783S_07 Datasheet HTML 8Page - Winbond W83783S_07 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
W83783S
Publication Release Date: August 21, 2007
- iii -
Revision 1.0
Table of Contents-
1.
GENERAL DESCRIPTION ......................................................................................................... 1
2.
FEATURES ................................................................................................................................. 2
2.1
Monitoring Items ............................................................................................................. 2
2.2
Actions Enabling ............................................................................................................. 2
2.3
General ........................................................................................................................... 2
2.4
Package .......................................................................................................................... 2
3.
KEY SPECIFICATIONS ..............................................................................................................3
4.
PIN CONFIGURATION...............................................................................................................3
5.
PIN DESCRIPTION..................................................................................................................... 4
6.
FUNCTIONAL DESCRIPTION ................................................................................................... 6
6.1
General Description ........................................................................................................ 6
6.2
Access Interface ............................................................................................................. 6
6.2.1
The first serial bus access timing is shown as follow: ....................................................... 6
6.2.2
The serial bus timing of the temperature 2 and 3 is shown as follow:............................... 7
6.3
Analog Inputs................................................................................................................ 10
6.3.1
Monitor over 4.096V voltage:..........................................................................................11
6.3.2
Monitor negative voltage:................................................................................................ 12
6.3.3
Monitor temperature from thermistor: ............................................................................. 13
6.3.4
Monitor temperature from Pentium II
TM thermal diode or bipolar transistor 2N3904 .......13
6.4
FAN Speed Count and FAN Speed Control ................................................................. 14
6.4.1
Fan speed count............................................................................................................. 14
6.4.2
Fan speed control........................................................................................................... 15
6.5
Temperature Measurement Machine ........................................................................... 16
6.5.1
W83783S temperature sensor 2 SMI# interrupt has two modes: ................................... 17
6.5.2
W83783S temperature sensor 1 SMI# interrupt has three modes.................................. 18
6.5.3
W83783S temperature sensor 1 Over-Temperature (OVT#) has three modes .............. 19
6.6
Voltage and Fan SMI# mode ........................................................................................ 20
6.6.1
Voltage SMI# mode ........................................................................................................ 20
6.6.2
Fan SMI# mode .............................................................................................................. 20
7.
REGISTERS AND RAM............................................................................................................ 21
7.1
Configuration Register
⎯ Index 40h ............................................................................ 21
7.2
Interrupt Status Register 1
⎯ Index 41h ...................................................................... 23
7.3
Interrupt Status Register 2
⎯ Index 42h ...................................................................... 23
7.4
SMI# Mask Register 1
⎯ Index 43h............................................................................. 24
7.5
SMI# Mask Register 2
⎯ Index 44h............................................................................. 25
7.6
Reserved Register
⎯ Index 45h-- 46h......................................................................... 25
7.7
VID/Fan Divisor Register
⎯ Index 47h......................................................................... 26
7.8
Serial Bus Address Register
⎯ Index 48h ................................................................... 26
7.9
Value RAM
⎯ Index 20h- 3Fh or 60h - 7Fh................................................................. 27


Similar Part No. - W83783S_07

ManufacturerPart #DatasheetDescription
logo
Winbond
W83783S WINBOND-W83783S_04 Datasheet
450Kb / 56P
   Monitoring IC
More results

Similar Description - W83783S_07

ManufacturerPart #DatasheetDescription
logo
Winbond
W83791G WINBOND-W83791G Datasheet
882Kb / 99P
   Winbond H/W Monitoring IC
W83L784AR WINBOND-W83L784AR Datasheet
478Kb / 54P
   WINBOND H/W MONITORING IC
W83791D WINBOND-W83791D Datasheet
636Kb / 46P
   W83791D Winbond H/W Monitoring IC
W83L785R WINBOND-W83L785R Datasheet
282Kb / 22P
   WINBOND H/W MONITORING IC FOR NOTEBOOK
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
W83781G WINBOND-W83781G Datasheet
790Kb / 54P
   H/W MONITORING IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com