Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSO072N03S Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSO072N03S
Description  OptiMOS?? Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO072N03S Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSO072N03S Datasheet HTML 1Page - Infineon Technologies AG BSO072N03S Datasheet HTML 2Page - Infineon Technologies AG BSO072N03S Datasheet HTML 3Page - Infineon Technologies AG BSO072N03S Datasheet HTML 4Page - Infineon Technologies AG BSO072N03S Datasheet HTML 5Page - Infineon Technologies AG BSO072N03S Datasheet HTML 6Page - Infineon Technologies AG BSO072N03S Datasheet HTML 7Page - Infineon Technologies AG BSO072N03S Datasheet HTML 8Page - Infineon Technologies AG BSO072N03S Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BSO072N03S
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
Thermal resistance,
junction - soldering fs=f(I D); T j=25 °C
Thermal resistance,
junction - ambient
3.4 V
3.6 V
3.8 V
4 V
4.2 V
4.5 V
5 V
10 V
0
4
8
12
16
010
20
30
I D [A]
25 °C
125 °C
0
10
20
30
40
50
60
01
234
V GS [V]
0
20
40
60
80
010
20
30
I D [A]
2.6 V
2.8 V
3 V
3.1 V
3.2 V
3.3 V
4.5 V
10 V
0
10
20
30
40
50
01
23
V DS [V]
Rev. 2.0
page 5
2009-11-04


Similar Part No. - BSO072N03S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO072N03S INFINEON-BSO072N03S Datasheet
236Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
logo
VBsemi Electronics Co.,...
BSO072N03S VBSEMI-BSO072N03S Datasheet
979Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - BSO072N03S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com