Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSO083N03MSG Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSO083N03MSG
Description  OptiMOS?? M-Series Power-MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO083N03MSG Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSO083N03MSG Datasheet HTML 1Page - Infineon Technologies AG BSO083N03MSG Datasheet HTML 2Page - Infineon Technologies AG BSO083N03MSG Datasheet HTML 3Page - Infineon Technologies AG BSO083N03MSG Datasheet HTML 4Page - Infineon Technologies AG BSO083N03MSG Datasheet HTML 5Page - Infineon Technologies AG BSO083N03MSG Datasheet HTML 6Page - Infineon Technologies AG BSO083N03MSG Datasheet HTML 7Page - Infineon Technologies AG BSO083N03MSG Datasheet HTML 8Page - Infineon Technologies AG BSO083N03MSG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BSO083N03MS G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
1600
2100
pF
Output capacitance
C oss
-
510
680
Reverse transfer capacitance
Crss
-33-
Turn-on delay time
t d(on)
-
9.4
-
ns
Rise time
t r
-5
-
Turn-off delay time
t d(off)
-
11.5
-
Fall time
t f
-
5.4
-
Gate Charge Characteristics
4)
Gate to source charge
Q gs
-
4.5
-
nC
Gate charge at threshold
Q g(th)
-
2.5
-
Gate to drain charge
Q gd
-
2.2
-
Switching charge
Q sw
-
4.2
-
Gate charge total
Q g
-
9.9
13
Gate plateau voltage
V plateau
-
2.9
-
V
Gate charge total
Q g
V DD=15 V, I D=14 A,
V GS=0 to 10 V
-21
27
nC
Gate charge total, sync. FET
Q g(sync)
V DS=0.1 V,
V GS=0 to 4.5 V
-
8.6
11.4
Output charge
Q oss
V DD=15 V, V GS=0 V
-
13.4
18
Reverse Diode
Diode continuous forward current
I S
--
3
A
Diode pulse current
I S,pulse
--
98
Diode forward voltage
V SD
V GS=0 V, I F=14 A,
T j=25 °C
-
0.85
1.1
V
Reverse recovery charge
Q rr
V R=15 V, I F=I S,
di F/dt =400 A/µs
-
-
10
nC
4) See figure 16 for gate charge parameter definition
T A=25 °C
Values
V GS=0 V, V DS=15 V,
f =1 MHz
V DD=15 V, V GS=4.5 V,
I D=14 A, R G=1.6 Ω
V DD=15 V, I D=14 A,
V GS=0 to 4.5 V
Rev.1.1
page 3
2009-11-19


Similar Part No. - BSO083N03MSG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO080P03NS3EG INFINEON-BSO080P03NS3EG Datasheet
679Kb / 9P
   OptiMOSTM3 P3-Power-Transistor
Rev.2.1 2010-05-06
BSO080P03NS3G INFINEON-BSO080P03NS3G Datasheet
658Kb / 9P
   OptiMOSTM3 P3-Power-Transistor
Rev.2.2 2010-05-06
BSO080P03S INFINEON-BSO080P03S Datasheet
275Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.0 2004-01-21
BSO080P03SH INFINEON-BSO080P03SH Datasheet
329Kb / 9P
   OptiMOTM-P Power-Transistor
Rev.1.31 2010-02-10
More results

Similar Description - BSO083N03MSG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ050N03MSG INFINEON-BSZ050N03MSG Datasheet
501Kb / 9P
   OptiMOS?? M-Series Power-MOSFET
Rev. 1.7 2009-11-05
BSZ130N03MSG INFINEON-BSZ130N03MSG Datasheet
334Kb / 9P
   OptiMOS?? M-Series Power-MOSFET
Rev. 2.0 2010-03-23
BSC090N03MSG INFINEON-BSC090N03MSG_13 Datasheet
530Kb / 10P
   OptiMOS?? M-Series Power-MOSFET
Rev. 2.1 2013-05-17
BSC030N03MSG INFINEON-BSC030N03MSG Datasheet
298Kb / 10P
   OptiMOS?? M-Series Power-MOSFET
Rev. 1.16 2009-10-22
BSC080N03MSG INFINEON-BSC080N03MSG Datasheet
299Kb / 10P
   OptiMOS?? M-Series Power-MOSFET
Rev.1.15 2009-11-03
BSO038N03MSCG INFINEON-BSO038N03MSCG Datasheet
334Kb / 9P
   OptiMOS?? M-Series Power-MOSFET
Rev.1.1 2009-11-19
BSC025N03MSG INFINEON-BSC025N03MSG Datasheet
298Kb / 10P
   OptiMOS?? M-Series Power-MOSFET
Rev. 1.15 2009-10-22
BSZ035N03MSG INFINEON-BSZ035N03MSG Datasheet
330Kb / 9P
   OptiMOS?? M-Series Power-MOSFET
Rev. 1.6 2009-11-05
BSO220N03MDG INFINEON-BSO220N03MDG Datasheet
306Kb / 9P
   OptiMOS?? M-Series Power-MOSFET
Rev.1.1 2009-11-19
BSC057N03MSG INFINEON-BSC057N03MSG_13 Datasheet
531Kb / 10P
   OptiMOS?? M-Series Power-MOSFET
Rev. 2.1 2013-05-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com