Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83793G Datasheet(PDF) 11 Page - Winbond

Part # W83793G
Description  Winbond H/W Monitor
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83793G Datasheet(HTML) 11 Page - Winbond

Back Button W83793G Datasheet HTML 7Page - Winbond W83793G Datasheet HTML 8Page - Winbond W83793G Datasheet HTML 9Page - Winbond W83793G Datasheet HTML 10Page - Winbond W83793G Datasheet HTML 11Page - Winbond W83793G Datasheet HTML 12Page - Winbond W83793G Datasheet HTML 13Page - Winbond W83793G Datasheet HTML 14Page - Winbond W83793G Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 131 page
background image
W83793G
Publication Release Date: Dec. 11, 2006
- 7 -
Revision 1.0
Pin Description List, continued.
PIN NAME
PIN NO.
POWER
PLANE
TYPE
DESCRIPTION
VBAT
9
POWER
VBAT supplies power for CASEOPEN.
Besides, it is
also a voltage monitor channel.
VIDA4
INv1s or
INv2s
Voltage Supply readouts bit 4 from CPU A.
(Default)
FANIN8
10
5VSB
INts
0V to +5V amplitude fan tachometer input
VIDA5
INv1s or
INv2s
Voltage Supply readouts bit 5 from CPU A.
(Default)
FANCTL8
OUT /
OD12a
FAN control output. The 8
th fan control signal
can be programmed to output through pin 56
or this pin. When this pin is programmed to
be fan control signal, it only supports PWM
mode.
FANIN12
11
5VSB
INts
0V to +5V amplitude fan tachometer input
VIDA6
12
5VSB
INv1s or
INv2s
Voltage Supply readouts bit 6 from CPU A.
VIDA7
13
5VSB
INv1s or
INv2s
Voltage Supply readouts bit 7 from CPU A.
(Default)
WDTRST#
14
5VSB
OD12
Low active system reset. If triggered, this pin
will send out 100ms low pulse for system
reset.
SYSRSTIN#
15
5VSB
INts
System reset input, used to control WDT.
GND
16
POWER
System Ground.
PECI
17
5VDD
IN/OV3
Intel® CPU PECI interface
VTT
18
POWER
Intel® CPU Vtt power
VSEN1
19
AIN
Voltage sensor input. Detect range is
0~4.096V
VSEN2
20
AIN
Voltage sensor input. Detect range is
0~4.096V
+12VSEN
21
-
AIN
+12V voltage input for monitoring. This +12V
input voltage needs external resistors to
scale it down. The detect range is 0~2.048V.
+3VSEN
22
AIN
+3V voltage input for monitoring. The detect
range is 0~4.096V.


Similar Part No. - W83793G

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83793G NUVOTON-W83793G Datasheet
1Mb / 152P
   Nuvoton H/W Monitor
More results

Similar Description - W83793G

ManufacturerPart #DatasheetDescription
logo
Winbond
W83791G WINBOND-W83791G Datasheet
882Kb / 99P
   Winbond H/W Monitoring IC
W83783S WINBOND-W83783S_07 Datasheet
486Kb / 57P
   Winbond H/W Monitoring IC
W83L784AR WINBOND-W83L784AR Datasheet
478Kb / 54P
   WINBOND H/W MONITORING IC
W83791D WINBOND-W83791D Datasheet
636Kb / 46P
   W83791D Winbond H/W Monitoring IC
logo
Nuvoton Technology Corp...
NCT7904D NUVOTON-NCT7904D Datasheet
1Mb / 140P
   H/W Monitor
logo
Winbond
W83L785R WINBOND-W83L785R Datasheet
282Kb / 22P
   WINBOND H/W MONITORING IC FOR NOTEBOOK
logo
Nuvoton Technology Corp...
W83795G NUVOTON-W83795G Datasheet
3Mb / 152P
   Nuvoton H/W Monitor
W83793G NUVOTON-W83793G Datasheet
1Mb / 152P
   Nuvoton H/W Monitor
logo
Nuvotem Talema
W83795ADG TALEMA-W83795ADG Datasheet
1Mb / 154P
   W83795G/ADG Nuvoton H/W Monitor
logo
Feature Integration Tec...
F71805 FINTEK-F71805 Datasheet
719Kb / 94P
   Super H/W Monitor LPC IO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com