Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSO150N03 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSO150N03
Description  OptiMOS?? Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO150N03 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSO150N03_10 Datasheet HTML 1Page - Infineon Technologies AG BSO150N03_10 Datasheet HTML 2Page - Infineon Technologies AG BSO150N03_10 Datasheet HTML 3Page - Infineon Technologies AG BSO150N03_10 Datasheet HTML 4Page - Infineon Technologies AG BSO150N03_10 Datasheet HTML 5Page - Infineon Technologies AG BSO150N03_10 Datasheet HTML 6Page - Infineon Technologies AG BSO150N03_10 Datasheet HTML 7Page - Infineon Technologies AG BSO150N03_10 Datasheet HTML 8Page - Infineon Technologies AG BSO150N03_10 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BSO150N03
OptiMOS2 Power-Transistor
Features
• Fast switching MOSFET for SMPS
• Optimized technology for notebook DC/DC converters
• Qualified according to JEDEC
1) for target applications
• N-channel
• Logic level
• Excellent gate charge x R DS(on) product (FOM)
• Very low on-resistance R DS(on)
• Superior thermal resistance
• Avalanche rated
• Pb-free plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
10 secs
steady state
Continuous drain current
I D
T A=25 °C
2)
9.1
7.6
A
T A=70 °C
2)
7.3
6.1
Pulsed drain current
I D,pulse
T A=25 °C
3)
Avalanche energy, single pulse
E AS
I D=9.1 A, R GS=25 Ω
mJ
Reverse diode dv /dt
dv /dt
I D=9.1 A, V DS=20 V,
di /dt =200 A/µs,
T j,max=150 °C
kV/µs
Gate source voltage
V GS
V
Power dissipation
P tot
T A=25 °C
2)
2.0
1.4
W
Operating and storage temperature
T j, T stg
°C
IEC climatic category; DIN IEC 68-1
Value
55/150/56
-55 ... 150
±20
6
82
36
V DS
30
V
R DS(on),max
15
m
I D
9.1
A
Product Summary
PG-DSO-8
Type
Package
Marking
BSO150N03
PG-DSO-8
150N3
Rev. 1.7
page 1
2010-05-11


Similar Part No. - BSO150N03_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO150N03MDG INFINEON-BSO150N03MDG Datasheet
306Kb / 9P
   OptiMOS?? M-Series Power-MOSFET
Rev.1.1 2009-11-19
More results

Similar Description - BSO150N03_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com