Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83977AF-P Datasheet(PDF) 11 Page - Winbond

Part # W83977AF-P
Description  WINBOND I/O
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977AF-P Datasheet(HTML) 11 Page - Winbond

Back Button W83977AF-P Datasheet HTML 7Page - Winbond W83977AF-P Datasheet HTML 8Page - Winbond W83977AF-P Datasheet HTML 9Page - Winbond W83977AF-P Datasheet HTML 10Page - Winbond W83977AF-P Datasheet HTML 11Page - Winbond W83977AF-P Datasheet HTML 12Page - Winbond W83977AF-P Datasheet HTML 13Page - Winbond W83977AF-P Datasheet HTML 14Page - Winbond W83977AF-P Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 182 page
background image
W83977F-A/ W83977G-A/ W83977AF-A/ W83977AG-A
Publication Release Date: May 2006
-3 -
Revision 0.60
Infrared
Support IrDA version 1.0 SIR protocol with maximum baud rate up to 115.2K bps
Support SHARP ASK-IR protocol with maximum baud rate up to 57,600 bps
Support IrDA version 1.1 MIR (1.152M bps) and FIR (4M bps) protocol [W83977AF/AG only]
--- Single DMA channel for transmitter or receiver
--- 3rd UART with 32-byte FIFO is supported in both TX/RX transmission [W83977AF/AG only]
--- 8-byte status FIFO is supported to store received frame status (such as overrun CRC error,
etc.)
Support auto-config SIR and FIR [W83977AF/AG only]
Parallel Port
Compatible with IBM parallel port
Support PS/2 compatible bi-directional parallel port
Support Enhanced Parallel Port (EPP)
− Compatible with IEEE 1284 specification
Support Extended Capabilities Port (ECP)
− Compatible with IEEE 1284 specification
Extension FDD mode supports disk drive B; and Extension 2FDD mode supports disk drives A
and B through parallel port
Enhanced printer port back-drive current protection
Advanced Power Management (APM) Controlling
Power turned on when RTC reaches a preset date and time
Power turned on when a ring pulse or pulse train is detected on the PHRI, or when a high to low
transition on PWAKIN1, or PWAKIN2 input signals
Power turned on when PANSW input signal indicates a switch on event
Power turned off when PANSW input signal indicates a switch off event
Power turned off when a fail-safe event occurs (power-save mode detected but system is hung
up)
Power turned off when software issues a power off command
Keyboard Controller
8042 based with optional F/W from AMIKKEY
TM-2, Phoenix MultiKey/42TM or customer code
with 2K bytes of programmable ROM, and 256 bytes of RAM
Asynchronous Access to Two Data Registers and One status Register
Software compatibility with the 8042 and PC87911 microcontrollers
Support PS/2 mouse
Support port 92
Support both interrupt and polling modes
Fast Gate A20 and Hardware Keyboard Reset
8 Bit Timer/ Counter; support binary and BCD arithmetic
6, 8, 12, or 16 Mhz operating frequency (16 Mhz available only if input clock rate = 14.318 Mhz)


Similar Part No. - W83977AF-P

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977AF WINBOND-W83977AF Datasheet
2Mb / 181P
   PLUG & PLAY 1.0A COMPLIANT
More results

Similar Description - W83977AF-P

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
W83627SF WINBOND-W83627SF Datasheet
1Mb / 147P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com