Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFX2931GV50 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IFX2931GV50
Description  Low Dropout Linear Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX2931GV50 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IFX2931GV50 Datasheet HTML 2Page - Infineon Technologies AG IFX2931GV50 Datasheet HTML 3Page - Infineon Technologies AG IFX2931GV50 Datasheet HTML 4Page - Infineon Technologies AG IFX2931GV50 Datasheet HTML 5Page - Infineon Technologies AG IFX2931GV50 Datasheet HTML 6Page - Infineon Technologies AG IFX2931GV50 Datasheet HTML 7Page - Infineon Technologies AG IFX2931GV50 Datasheet HTML 8Page - Infineon Technologies AG IFX2931GV50 Datasheet HTML 9Page - Infineon Technologies AG IFX2931GV50 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
IFX2931
General Product Characteristics
Data Sheet
6
Rev. 1.12, 2010-02-23
4.3
Thermal Resistance
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
IFX2931GV50, IFX2931GV33 (PG-DSO-8)
4.3.1
Junction to Soldering Point1)
1) not subject to production test, specified by design
R
thJSP
39
K/W
measured to group
of pins 2, 3, 6, 7
4.3.2
Junction to Ambient1)
R
thJA
96
K/W
Footprint only2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
4.3.3
67
K/W
300mm2 heatsink
area on PCB2)
4.3.4
66
K/W
600mm2 heatsink
area on PCB2)


Similar Part No. - IFX2931GV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX2931GV50 INFINEON-IFX2931GV50 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.13, 2011-02-10
More results

Similar Description - IFX2931GV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
   Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
logo
Analog Devices
ADP667 AD-ADP667_15 Datasheet
160Kb / 12P
   Low-Dropout Linear Voltage Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com