Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFX20001 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IFX20001
Description  Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX20001 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IFX20001 Datasheet HTML 1Page - Infineon Technologies AG IFX20001 Datasheet HTML 2Page - Infineon Technologies AG IFX20001 Datasheet HTML 3Page - Infineon Technologies AG IFX20001 Datasheet HTML 4Page - Infineon Technologies AG IFX20001 Datasheet HTML 5Page - Infineon Technologies AG IFX20001 Datasheet HTML 6Page - Infineon Technologies AG IFX20001 Datasheet HTML 7Page - Infineon Technologies AG IFX20001 Datasheet HTML 8Page - Infineon Technologies AG IFX20001 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PG-SCT595-5
Data Sheet
2
Rev. 1.02, 2010-05-20
Low Dropout Voltage Regulator
IFX20001
Type
Package
Marking
IFX20001MBV33
PG-SCT595-5
V3
IFX20001MBV50
PG-SCT595-5
V5
1Overview
Features
Two output voltage versions: 3.3 V, 5.0 V
Very low drop voltage 300mV
Output current: 30 mA
Inhibit function
Low quiescent current consumption
Input voltage up to 45 V
Wide temperature range: -40
°C ≤ T
j ≤ 125 °C
Output protected against short circuit
Overtemperature protection
Reverse polarity protection
Very small and thermally enhanced package
Green Product (RoHS compliant)
Applications
Manufacturing Automation
Appliances
HDTV Televisions
Game Consoles
Network Routers
For automotive and transportation applications, please refer to the Infineon TLE and TLF voltage regulator series.
Description
The IFX20001 is a monolithic integrated low-drop voltage regulator in the very small SMD package PG-SCT595-
5. It is designed to supply various loads (e.g. microprocessor) under over severe conditions. Therefore the device
is equipped with additional protection functions against overload, short circuit and reverse polarity. In case of an
overtemperature condition the regulator is automatically turned off by the integrated thermal protection circuit.
Input voltages up to 45 V are regulated to
V
Q,nom = 3.3 V (V33 version) or 5.0 V (V50 version). The output is able
to drive a load of 30 mA while it regulates the output voltage within a 4% accuracy. To save energy the device can
be switched in stand-by mode via an inhibit input which causes the current consumption to drop below 5
μA.


Similar Part No. - IFX20001

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX20001MBV33 INFINEON-IFX20001MBV33 Datasheet
1Mb / 12P
   Low Dropout Voltage Regulator
Rev. 1.1, 2013-01-08
IFX20001MBV50 INFINEON-IFX20001MBV50 Datasheet
1Mb / 12P
   Low Dropout Voltage Regulator
Rev. 1.1, 2013-01-08
IFX20001 INFINEON-IFX20001_13 Datasheet
1Mb / 12P
   Low Dropout Voltage Regulator
Rev. 1.1, 2013-01-08
More results

Similar Description - IFX20001

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com