Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFX25001TFV50 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IFX25001TFV50
Description  Low Dropout Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX25001TFV50 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IFX25001TFV50 Datasheet HTML 1Page - Infineon Technologies AG IFX25001TFV50 Datasheet HTML 2Page - Infineon Technologies AG IFX25001TFV50 Datasheet HTML 3Page - Infineon Technologies AG IFX25001TFV50 Datasheet HTML 4Page - Infineon Technologies AG IFX25001TFV50 Datasheet HTML 5Page - Infineon Technologies AG IFX25001TFV50 Datasheet HTML 6Page - Infineon Technologies AG IFX25001TFV50 Datasheet HTML 7Page - Infineon Technologies AG IFX25001TFV50 Datasheet HTML 8Page - Infineon Technologies AG IFX25001TFV50 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
IFX25001
General Product Characteristics
Data Sheet
5
Rev. 1.02, 2010-05-20
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
4.2
Functional Range
Note: Within the functional or operating range, the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the Electrical Characteristics table.
Absolute Maximum Ratings1)
T
j = -40 °C to 150 °C; all voltages with respect to ground, (unless otherwise specified)
1) not subject to production test, specified by design
Pos.
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Max.
Input I
4.1.1
Voltage
V
I
-42
45
V
Output Q
4.1.2
Voltage
V
Q
-1
40
V
Temperature
4.1.3
Junction temperature
T
j
-40
150
°C–
4.1.4
Storage temperature
T
stg
-50
150
°C–
Pos.
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Max.
4.2.1
Input voltage
V
I
4.7
40
V
IFX25001 ME V25
IFX25001 ME V33
IFX25001 TF V33
4.2.2
V
I
5.5
40
V
IFX25001 TS V50
IFX25001TF V50
IFX25001 TC V50
4.2.3
V
I
9.0
40
V
IFX25001 TS V85
IFX25001 TC V85
4.2.4
V
I
10.5
40
V
IFX25001 TS V10
IFX25001 TC V10
4.2.5
Output Capacitor’s
Requirements for Stability
C
Q
22
µF
1)
1) the minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%
4.2.6
ESR(C
Q)
–3
Ω
2)
2) relevant ESR value at
f =10kHz
4.2.7
Junction temperature
T
j
-40
125
°C–


Similar Part No. - IFX25001TFV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX25401 INFINEON-IFX25401 Datasheet
1Mb / 16P
   Low Dropout Linear Voltage Regulator
Rev. 1.01, 2009-10-19
IFX25401TBV INFINEON-IFX25401TBV Datasheet
1Mb / 16P
   Low Dropout Linear Voltage Regulator
Rev. 1.01, 2009-10-19
IFX25401TBV INFINEON-IFX25401TBV Datasheet
33Kb / 1P
   Material Content Data Sheet
18. August 2015
IFX25401TBV INFINEON-IFX25401TBV Datasheet
1Mb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.02, 2012-08-24
IFX25401TBV50 INFINEON-IFX25401TBV50 Datasheet
1Mb / 16P
   Low Dropout Linear Voltage Regulator
Rev. 1.01, 2009-10-19
More results

Similar Description - IFX25001TFV50

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com