Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFX25001TFV50 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IFX25001TFV50
Description  Low Dropout Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX25001TFV50 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IFX25001TFV50 Datasheet HTML 2Page - Infineon Technologies AG IFX25001TFV50 Datasheet HTML 3Page - Infineon Technologies AG IFX25001TFV50 Datasheet HTML 4Page - Infineon Technologies AG IFX25001TFV50 Datasheet HTML 5Page - Infineon Technologies AG IFX25001TFV50 Datasheet HTML 6Page - Infineon Technologies AG IFX25001TFV50 Datasheet HTML 7Page - Infineon Technologies AG IFX25001TFV50 Datasheet HTML 8Page - Infineon Technologies AG IFX25001TFV50 Datasheet HTML 9Page - Infineon Technologies AG IFX25001TFV50 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Data Sheet
6
Rev. 1.02, 2010-05-20
IFX25001
General Product Characteristics
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
PG-TO252-3
4.3.1
Junction to Case1)
1) Not subject to production test, specified by design.
R
thJC
4
K/W
measured to heat
slug
4.3.2
Junction to Ambient1)
R
thJA
–27
K/W
2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm³ board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
4.3.3
R
thJA
57
K/W
300 mm² heatsink
area3)
3) Specified
R
thJA value is according to Jedec JESD 51-3 at natural convection on FR4 1s0p board; The Product
(Chip+Package) was simulated on a 76.2
× 114.3 × 1.5 mm3 board with 1 copper layer (1 x 70µm Cu).
4.3.4
R
thJA
42
K/W
600 mm² heatsink
area3)
PG-TO263-3
4.3.5
Junction to Case1)
R
thJC
4
K/W
measured to heat
slug
4.3.6
Junction to Ambient1)
R
thJA
–22
K/W
2)
4.3.7
R
thJA
42
K/W
300 mm² heatsink
area3)
4.3.8
R
thJA
33
K/W
600 mm² heatsink
area3)
PG-TO220-3
4.3.9
Junction to Case1)
R
thJC
8
K/W
measured to
exposed pad
PG-SOT223-4
4.3.10
Junction to Case1)
R
thJC
25
K/W
measured to heat
slug
4.3.11
Junction to Ambient1)
R
thJA
–51
K/W
2)
4.3.12
R
thJA
75
K/W
300 mm² heatsink
area3)
4.3.13
R
thJA
63
K/W
600 mm² heatsink
area3)


Similar Part No. - IFX25001TFV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX25401 INFINEON-IFX25401 Datasheet
1Mb / 16P
   Low Dropout Linear Voltage Regulator
Rev. 1.01, 2009-10-19
IFX25401TBV INFINEON-IFX25401TBV Datasheet
1Mb / 16P
   Low Dropout Linear Voltage Regulator
Rev. 1.01, 2009-10-19
IFX25401TBV INFINEON-IFX25401TBV Datasheet
33Kb / 1P
   Material Content Data Sheet
18. August 2015
IFX25401TBV INFINEON-IFX25401TBV Datasheet
1Mb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.02, 2012-08-24
IFX25401TBV50 INFINEON-IFX25401TBV50 Datasheet
1Mb / 16P
   Low Dropout Linear Voltage Regulator
Rev. 1.01, 2009-10-19
More results

Similar Description - IFX25001TFV50

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com