Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFX25401TEV Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IFX25401TEV
Description  Low Dropout Linear Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX25401TEV Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IFX25401TEV Datasheet HTML 5Page - Infineon Technologies AG IFX25401TEV Datasheet HTML 6Page - Infineon Technologies AG IFX25401TEV Datasheet HTML 7Page - Infineon Technologies AG IFX25401TEV Datasheet HTML 8Page - Infineon Technologies AG IFX25401TEV Datasheet HTML 9Page - Infineon Technologies AG IFX25401TEV Datasheet HTML 10Page - Infineon Technologies AG IFX25401TEV Datasheet HTML 11Page - Infineon Technologies AG IFX25401TEV Datasheet HTML 12Page - Infineon Technologies AG IFX25401TEV Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
IFX25401
Electrical Characteristics
Data Sheet
9
Rev. 1.01, 2009-10-19
4.2
Typical Performance Characteristics Voltage Regulator
Current Consumption
I
q versus
Output Current
I
Q
Current Consumption
I
q versus
Low Output Current
I
Q
Output Voltage
V
Q versus
Junction Temperature
T
J
Dropout Voltage
V
dr versus
Output Current
I
Q
01_IQ_IQ.VSD
0
2
4
6
8
10
12
14
16
0
100
200
300
400
I Q [mA]
V I = 13.5 V
T j = 25 °C
02_IQ_IQLOW.VSD
0
0,2
0,4
0,6
0,8
1
1,2
1,4
0
2040
6080
100
I Q [mA]
V I = 13.5 V
T j = 25 °C
03_VQ_TJ.VSD
-0,5
-0,4
-0,3
-0,2
-0,1
0
0,1
0,2
0,3
0,4
0,5
-40040
80
120
T j [°C]
I Q = 5 mA
V I = 13.5 V
150
04_VDR_IQ.VSD
0
50
100
150
200
250
300
350
400
450
500
0
100
200
300
400
I Q [mA]
T
j = 150 °C
T
j = 25 °C
T
j = -40 °C


Similar Part No. - IFX25401TEV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX25401TEV INFINEON-IFX25401TEV Datasheet
32Kb / 1P
   Material Content Data Sheet
18. August 2015
IFX25401TEV INFINEON-IFX25401TEV Datasheet
1Mb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.02, 2012-08-24
IFX25401TEV50 INFINEON-IFX25401TEV50 Datasheet
1Mb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.02, 2012-08-24
IFX25401TEV INFINEON-IFX25401TEV_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
18. August 2015
More results

Similar Description - IFX25401TEV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
   Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
logo
Analog Devices
ADP667 AD-ADP667_15 Datasheet
160Kb / 12P
   Low-Dropout Linear Voltage Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com