Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFX27001TFV50 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IFX27001TFV50
Description  Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX27001TFV50 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IFX27001TFV50 Datasheet HTML 2Page - Infineon Technologies AG IFX27001TFV50 Datasheet HTML 3Page - Infineon Technologies AG IFX27001TFV50 Datasheet HTML 4Page - Infineon Technologies AG IFX27001TFV50 Datasheet HTML 5Page - Infineon Technologies AG IFX27001TFV50 Datasheet HTML 6Page - Infineon Technologies AG IFX27001TFV50 Datasheet HTML 7Page - Infineon Technologies AG IFX27001TFV50 Datasheet HTML 8Page - Infineon Technologies AG IFX27001TFV50 Datasheet HTML 9Page - Infineon Technologies AG IFX27001TFV50 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Data Sheet
6
Rev. 1.01, 2009-10-19
IFX27001
General Product Characteristics
4.2
Functional Range
Note: Within the functional or operating range, the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the Electrical Characteristics table.
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Pos.
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Max.
4.2.1
Input voltage
V
I
V
I + VDR
40
V
4.2.2
Junction temperature
T
j
-40
125
°C–
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
PG-TO252-3
4.3.1
Junction to Case1)
1) Not subject to production test, specified by design.
R
thJC
4
K/W
measured to heat
slug
4.3.2
Junction to Ambient1)
R
thJA
–27
K/W
2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm³ board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
4.3.3
R
thJA
57
K/W
300 mm² heatsink
area3)
3) Specified
R
thJA value is according to Jedec JESD 51-3 at natural convection on FR4 1s0p board; The Product
(Chip+Package) was simulated on a 76.2
× 114.3 × 1.5 mm3 board with 1 copper layer (1 x 70µm Cu).
4.3.4
R
thJA
42
K/W
600 mm² heatsink
area3)


Similar Part No. - IFX27001TFV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX20001 INFINEON-IFX20001 Datasheet
1Mb / 12P
   Low Dropout Voltage Regulator
Rev. 1.02, 2010-05-20
IFX20001MBV33 INFINEON-IFX20001MBV33 Datasheet
1Mb / 12P
   Low Dropout Voltage Regulator
Rev. 1.02, 2010-05-20
IFX20001MBV33 INFINEON-IFX20001MBV33 Datasheet
1Mb / 12P
   Low Dropout Voltage Regulator
Rev. 1.1, 2013-01-08
IFX20001MBV50 INFINEON-IFX20001MBV50 Datasheet
1Mb / 12P
   Low Dropout Voltage Regulator
Rev. 1.02, 2010-05-20
IFX20001MBV50 INFINEON-IFX20001MBV50 Datasheet
1Mb / 12P
   Low Dropout Voltage Regulator
Rev. 1.1, 2013-01-08
More results

Similar Description - IFX27001TFV50

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
   Linear Voltage Regulator
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7809 SS-7809 Datasheet
481Kb / 5P
   Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
   Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
   Linear Voltage Regulator
7905AC SS-7905AC Datasheet
423Kb / 5P
   Linear Voltage Regulator
logo
Solid States Devices, I...
LA0005E SSDI-LA0005E Datasheet
205Kb / 3P
   Linear Voltage Regulator
LA0011B SSDI-LA0011B_15 Datasheet
189Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
LM3480-5 SS-LM3480-5 Datasheet
1Mb / 5P
   Linear Voltage Regulator
7808 SS-7808 Datasheet
441Kb / 5P
   Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com