Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFX91041EJV Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IFX91041EJV
Description  1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX91041EJV Datasheet(HTML) 5 Page - Infineon Technologies AG

  IFX91041EJV Datasheet HTML 1Page - Infineon Technologies AG IFX91041EJV Datasheet HTML 2Page - Infineon Technologies AG IFX91041EJV Datasheet HTML 3Page - Infineon Technologies AG IFX91041EJV Datasheet HTML 4Page - Infineon Technologies AG IFX91041EJV Datasheet HTML 5Page - Infineon Technologies AG IFX91041EJV Datasheet HTML 6Page - Infineon Technologies AG IFX91041EJV Datasheet HTML 7Page - Infineon Technologies AG IFX91041EJV Datasheet HTML 8Page - Infineon Technologies AG IFX91041EJV Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
IFX91041
General Product Characteristics
Data Sheet
5
Rev. 1.02, 2010-02-23
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings1)
T
j = -40 °C to +125 °C; all voltages with respect to ground (unless otherwise specified)
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltages
4.1.1
Synchronization Input
V
SYNC
-0.3
5.5
V
6.2
V
t < 10s2)
2) Exposure to those absolute maximum ratings for extended periods of time (
t > 10s) may affect device reliability
4.1.2
Compensation Input
V
COMP
-0.3
5.5
V
4.1.3
6.2
V
t < 10s1)
4.1.4
Feedback Input
V
FB
-0.3
10
V
IFX91041EJV50;
IFX91041EJV33
4.1.5
-0.3
5.5
V
IFX91041EJV
4.1.6
Buck Driver Supply Input
V
BDS
V
BUO
- 0.3
V
BUO
+ 5.5
V
4.1.7
Buck Switch Output
V
BUO
-2.0
V
VS + 0.3
V
4.1.8
Enable Input
V
EN
-40
45
V
4.1.9
Supply Voltage Input
V
VS
-0.3
45
V
Temperatures
4.1.10
Junction Temperature
T
j
-40
150
°C–
4.1.11
Storage Temperature
T
stg
-55
150
°C–
ESD Susceptibility
4.1.12
ESD Resistivity
V
ESD
-2
2
kV
HBM 3)
3) ESD susceptibility HBM according to EIA/JESD 22-A 114B (1.5k
Ω,100pF).


Similar Part No. - IFX91041EJV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX91041EJV INFINEON-IFX91041EJV Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
Rev. 1.01, 2009-10-19
IFX91041EJV INFINEON-IFX91041EJV Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator
Rev. 1.1, 2011-07-08
IFX91041EJV33 INFINEON-IFX91041EJV33 Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
Rev. 1.01, 2009-10-19
IFX91041EJV33 INFINEON-IFX91041EJV33 Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator
Rev. 1.1, 2011-07-08
IFX91041EJV50 INFINEON-IFX91041EJV50 Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
Rev. 1.01, 2009-10-19
More results

Similar Description - IFX91041EJV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX91041 INFINEON-IFX91041 Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
Rev. 1.01, 2009-10-19
TLE8366 INFINEON-TLE8366 Datasheet
1Mb / 19P
   1.8A DC/DC Step-Down Voltage Regulator
Rev. 1.0, 2009-05-18
IFX91041 INFINEON-IFX91041_11 Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator
Rev. 1.1, 2011-07-08
logo
Maxim Integrated Produc...
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
logo
Infineon Technologies A...
TLD5085EJ INFINEON-TLD5085EJ_1 Datasheet
1Mb / 16P
   1.8A DC/DC Step-Down Converter
Rev. 1.1, 2009-12-16
TLD5085EJ INFINEON-TLD5085EJ_15 Datasheet
528Kb / 19P
   1.8A DC/DC Step-Down Converter
Revision 1.1 2015-03-10
logo
Maxim Integrated Produc...
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
logo
Vishay Siliconix
SIP12101 VISHAY-SIP12101 Datasheet
220Kb / 13P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. B, 03-Aug-09
SI9175 VISHAY-SI9175 Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
logo
Maxim Integrated Produc...
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com