Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGS13AL12 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BGS13AL12
Description  SP3T Antenna Switch with Antenna Termination Port
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGS13AL12 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BGS13AL12 Datasheet HTML 6Page - Infineon Technologies AG BGS13AL12 Datasheet HTML 7Page - Infineon Technologies AG BGS13AL12 Datasheet HTML 8Page - Infineon Technologies AG BGS13AL12 Datasheet HTML 9Page - Infineon Technologies AG BGS13AL12 Datasheet HTML 10Page - Infineon Technologies AG BGS13AL12 Datasheet HTML 11Page - Infineon Technologies AG BGS13AL12 Datasheet HTML 12Page - Infineon Technologies AG BGS13AL12 Datasheet HTML 13Page - Infineon Technologies AG BGS13AL12 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
BGS13AL12
SP3T RF Switch
Electrical Characteristics
Preliminary Data Sheet
10
Revision 1.1, 2009-06-25
3
Electrical Characteristics
ESD robustness of antenna port can be increased to 8 kV IEC-61000-4-2 with external protection circuit.
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
Table 3
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Storage Temperature Range
T
stg
-65
150
°C
DC Voltage at all pins to GND
V
DC
––3.2
V
Max RF power at antenna port, any RF port on
P
Ant IN max
––32
dBm
Table 4
Operating Ranges
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Ambient Temperature
T
A
-30
85
°C
RF Frequency
f
0.1
–3GHz
Control Voltage low
V
CtrlL
-0.3
0.3
V
Control Voltage high
V
CtrlH
1.4
V
dd
V–
Supply Voltage
V
dd
2.70
3.0
V
Max. Input (Reverse) Power at antenna pin
Pin
30
dBm
Table 5
ESD Ratings
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Human Body-Model IEC 61340-3-1, all pins
V
max
––500
V
Human Body-Model IEC 61340-3-1, antenna
port
V
max
––1000
V


Similar Part No. - BGS13AL12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGS13GA14 INFINEON-BGS13GA14 Datasheet
729Kb / 13P
   SP3T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-11
BGS13PN10 INFINEON-BGS13PN10 Datasheet
2Mb / 15P
   SP3T high linearity, high power RF Switch
Revision 1.0 - 2016-09-27
BGS13S2N9 INFINEON-BGS13S2N9 Datasheet
1Mb / 14P
   Wideband RF SP3T Switch
Revision 1.0 - 2016-02-02
BGS13S4N9 INFINEON-BGS13S4N9 Datasheet
1Mb / 14P
   Wideband RF SP3T Switch
Revision 1.0 - 2016-04-12
BGS13SL9 INFINEON-BGS13SL9 Datasheet
2Mb / 14P
   Wideband RF SP3T Switch
Revision 2.4, 2014-05-27
More results

Similar Description - BGS13AL12

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS7803QD WILLSEMI-WS7803QD Datasheet
799Kb / 6P
   0.1GHz ??3GHz SP3T Antenna Switch
logo
Infineon Technologies A...
BGS13GA14 INFINEON-BGS13GA14 Datasheet
729Kb / 13P
   SP3T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-11
logo
Will Semiconductor Ltd.
WS7803F WILLSEMI-WS7803F Datasheet
957Kb / 6P
   0.1GHz ??3GHz SP3T Antenna Switch
logo
TriQuint Semiconductor
TQP4M3018 TRIQUINT-TQP4M3018 Datasheet
459Kb / 9P
   SP3T High Power 2.6V CDMA Antenna Switch
TQP4M3007 TRIQUINT-TQP4M3007 Datasheet
493Kb / 9P
   SP3T High Power 2.6V CDMA Antenna Switch
logo
Sony Corporation
CXG1192UR SONY-CXG1192UR Datasheet
50Kb / 5P
   SP3T 횞 2 Antenna Switch for GSM Quad-Band
CXG1101TN SONY-CXG1101TN Datasheet
54Kb / 4P
   SP3T Antenna Switch for TDMA800/1900/AMPS800 Triple Mode Application
logo
RF Micro Devices
RF1255 RFMD-RF1255 Datasheet
171Kb / 2P
   ANTENNA SWITCH MODULE WITH DUAL
logo
TriQuint Semiconductor
TQP4M3019 TRIQUINT-TQP4M3019 Datasheet
236Kb / 9P
   SP3T High Power 2.6V 2 x 2 mm CDMA Antenna Switch
logo
ON Semiconductor
MDC5101 ONSEMI-MDC5101 Datasheet
119Kb / 8P
   ANTENNA SWITCH CONTROLLER
1999 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com