Electronic Components Datasheet Search |
|
XC886888 Datasheet(PDF) 10 Page - Infineon Technologies AG |
|
XC886888 Datasheet(HTML) 10 Page - Infineon Technologies AG |
10 / 144 page XC886/888CLM Summary of Features Data Sheet 3 V1.2, 2009-07 XC886/888 Variant Devices The XC886/888 product family features devices with different configurations, program memory sizes, package options, power supply voltage, temperature and quality profiles (Automotive or Industrial), to offer cost-effective solutions for different application requirements. The list of XC886/888 device configurations are summarized in Table 1. For each configuration, 2 types of packages are available: • PG-TQFP-48, which is denoted by XC886 and; • PG-TQFP-64, which is denoted by XC888. Note: For variants with LIN BSL support, only LIN BSL is available regardless of the availability of the CAN module. From these 10 different combinations of configuration and package type, each are further made available in many sales types, which are grouped according to device type, program memory sizes, power supply voltage, temperature and quality profile (Automotive or Industrial), as shown in Table 2. Table 1 Device Configuration Device Name CAN Module LIN BSL Support MDU Module XC886/888 No No No XC886/888C Yes No No XC886/888CM Yes No Yes XC886/888LM No Yes Yes XC886/888CLM Yes Yes Yes Table 2 Device Profile Sales Type Device Type Program Memory (Kbytes) Power Supply (V) Temp- erature ( °C) Quality Profile SAK-XC886*/888*-8FFA 5V Flash 32 5.0 -40 to 125 Automotive SAK-XC886*/888*-6FFA 5V Flash 24 5.0 -40 to 125 Automotive SAF-XC886*/888*-8FFA 5V Flash 32 5.0 -40 to 85 Automotive SAF-XC886*/888*-6FFA 5V Flash 24 5.0 -40 to 85 Automotive SAF-XC886*/888*-8FFI 5V Flash 32 5.0 -40 to 85 Industrial SAF-XC886*/888*-6FFI 5V Flash 24 5.0 -40 to 85 Industrial |
Similar Part No. - XC886888 |
|
Similar Description - XC886888 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |