Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE167 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # XE167
Description  16-Bit Single-Chip Real Time Signal Controller
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XE167 Datasheet(HTML) 4 Page - Infineon Technologies AG

  XE167 Datasheet HTML 1Page - Infineon Technologies AG XE167 Datasheet HTML 2Page - Infineon Technologies AG XE167 Datasheet HTML 3Page - Infineon Technologies AG XE167 Datasheet HTML 4Page - Infineon Technologies AG XE167 Datasheet HTML 5Page - Infineon Technologies AG XE167 Datasheet HTML 6Page - Infineon Technologies AG XE167 Datasheet HTML 7Page - Infineon Technologies AG XE167 Datasheet HTML 8Page - Infineon Technologies AG XE167 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 122 page
background image
XE167x
XE166 Family Derivatives
Data Sheet
V2.1, 2008-08
XE167
Revision History: V2.1, 2008-08
Previous Version(s):
V2.0, 2008-03, Preliminary
V0.1, 2007-09, Preliminary
Page
Subjects (major changes since last revision)
several
Maximum frequency changed to 80 MHz
33
Voltage domain for XTAL1/XTAL2 corrected to M
73
Coupling factors corrected
78, 80
Improved leakage parameters
79, 81
Pin leakage formula corrected
86
Improved ADC error values
99f
Improved definition of external clock parameters
115
JTAG clock speed corrected
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
mcdocu.comments@infineon.com


Similar Part No. - XE167

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XE167FH INFINEON-XE167FH Datasheet
1Mb / 143P
   Real Time Signal Controller
V1.3 2011-07
XE167FH-136F100L INFINEON-XE167FH-136F100L Datasheet
1Mb / 143P
   Real Time Signal Controller
V1.3 2011-07
XE167FH-200F100L INFINEON-XE167FH-200F100L Datasheet
1Mb / 143P
   Real Time Signal Controller
V1.3 2011-07
XE167FM INFINEON-XE167FM Datasheet
1Mb / 144P
   16-Bit Single-Chip Real Time Signal
V2.1 2011-07
XE167FM-48FXXL INFINEON-XE167FM-48FXXL Datasheet
1Mb / 144P
   16-Bit Single-Chip Real Time Signal
V2.1 2011-07
More results

Similar Description - XE167

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAK-XE167FM-72F80LAA INFINEON-SAK-XE167FM-72F80LAA Datasheet
1Mb / 144P
   16-Bit Single-Chip Real Time Signal Controller
V2.1 2011-07
XE166 INFINEON-XE166 Datasheet
1Mb / 62P
   16-Bit Single-Chip Real Time Signal Controller
V1.6 2014-10
XE164 INFINEON-XE164 Datasheet
1Mb / 114P
   16-Bit Single-Chip Real Time Signal Controller
V2.1, 2008-08
XE164FN INFINEON-XE164FN Datasheet
1Mb / 126P
   16-Bit Single-Chip Real Time Signal Controller
V1.2 2010-04
XE164FM INFINEON-XE164FM_15 Datasheet
1Mb / 128P
   16-Bit Single-Chip Real Time Signal Controller
V2.1 2011-07
XE167FM INFINEON-XE167FM_15 Datasheet
1Mb / 144P
   16-Bit Single-Chip Real Time Signal
V2.1 2011-07
XE161FL INFINEON-XE161FL Datasheet
2Mb / 107P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
V1.2 2012-07
XE162FN INFINEON-XE162FN Datasheet
1Mb / 107P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Value Line
V1.3 2010-04
XE162FL INFINEON-XE162FL Datasheet
2Mb / 110P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
V1.2 2012-07
XE160FU INFINEON-XE160FU Datasheet
2Mb / 101P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Compact Line
V1.2 2012-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com