Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS314PE Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BSS314PE
Description  OptiMOS??P 3 Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS314PE Datasheet(HTML) 7 Page - Infineon Technologies AG

  BSS314PE Datasheet HTML 1Page - Infineon Technologies AG BSS314PE Datasheet HTML 2Page - Infineon Technologies AG BSS314PE Datasheet HTML 3Page - Infineon Technologies AG BSS314PE Datasheet HTML 4Page - Infineon Technologies AG BSS314PE Datasheet HTML 5Page - Infineon Technologies AG BSS314PE Datasheet HTML 6Page - Infineon Technologies AG BSS314PE Datasheet HTML 7Page - Infineon Technologies AG BSS314PE Datasheet HTML 8Page - Infineon Technologies AG BSS314PE Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BSS314PE
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 Ω
V GS=f(Q gate); I D=-1.5 A pulsed
parameter: T j(start)
parameter: V DD
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=-250 µA
27
28
29
30
31
32
33
-60
-20
20
60
100
140
T j [°C]
4 V
10 V
16 V
0
2
4
6
8
10
12
01
23
Q gate [nC]
25 °C
100 °C
125 °C
10
3
10
2
10
1
10
0
10
1
10
0
10
-1
t AV [µs]
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
Rev 2.1
page 7
2010-03-29


Similar Part No. - BSS314PE

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
BSS314PE ZPSEMI-BSS314PE Datasheet
617Kb / 3P
   OptiMOS??P 3 Small-Signal-Transistor
logo
TY Semiconductor Co., L...
BSS314PE TYSEMI-BSS314PE Datasheet
535Kb / 3P
   OptiMOS-P 3 Small-Signal-Transistor
More results

Similar Description - BSS314PE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSD314SPE INFINEON-BSD314SPE Datasheet
258Kb / 9P
   OptiMOS??P 3 Small-Signal-Transistor
Rev 2.1 2010-03-29
BSL314PE INFINEON-BSL314PE_13 Datasheet
370Kb / 9P
   OptiMOS??P 3 Small-Signal-Transistor
Rev 2.3 2013-11-07
logo
ZP Semiconductor
BSS314PE ZPSEMI-BSS314PE Datasheet
617Kb / 3P
   OptiMOS??P 3 Small-Signal-Transistor
logo
TY Semiconductor Co., L...
BSS314PE TYSEMI-BSS314PE Datasheet
535Kb / 3P
   OptiMOS-P 3 Small-Signal-Transistor
logo
Infineon Technologies A...
BSL314PE INFINEON-BSL314PE Datasheet
243Kb / 9P
   OptiMOS??P 3 Small-Signal-Transistor
Rev 2.1 2010-03-29
BSS223PW INFINEON-BSS223PW Datasheet
74Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2002-07-04
BSL207SP INFINEON-BSL207SP_07 Datasheet
843Kb / 8P
   OptiMOS-P Small-Signal-Transistor
2007-02-08
BSS209PW INFINEON-BSS209PW Datasheet
75Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-05
BSO080P03S INFINEON-BSO080P03S Datasheet
275Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.0 2004-01-21
BSO204P INFINEON-BSO204P Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com