Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW08T120 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IKW08T120
Description  Low Loss DuoPack : IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW08T120 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IKW08T120 Datasheet HTML 1Page - Infineon Technologies AG IKW08T120 Datasheet HTML 2Page - Infineon Technologies AG IKW08T120 Datasheet HTML 3Page - Infineon Technologies AG IKW08T120 Datasheet HTML 4Page - Infineon Technologies AG IKW08T120 Datasheet HTML 5Page - Infineon Technologies AG IKW08T120 Datasheet HTML 6Page - Infineon Technologies AG IKW08T120 Datasheet HTML 7Page - Infineon Technologies AG IKW08T120 Datasheet HTML 8Page - Infineon Technologies AG IKW08T120 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
IKW08T120
TrenchStop® Series
Power Semiconductors
4
Rev. 2.3 Sep 08
Dynamic Characteristic
Input capacitance
Ciss
-
600
-
Output capacitance
Coss
-
36
-
Reverse transfer capacitance
Crss
VCE=25V,
VGE=0V,
f=1MHz
-
28
-
pF
Gate charge
QGate
VCC=960V, IC=8A
VGE=15V
-
53
-
nC
Internal emitter inductance
measured 5mm (0.197 in.) from case
LE
-
13
-
nH
Short circuit collector current
1)
IC(SC)
VGE=15V,tSC
≤10µs
VCC = 600V,
Tj = 25
°C
-
48
-
A
Switching Characteristic, Inductive Load, at Tj=25
°C
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
td(on)
-
40
-
Rise time
tr
-
23
-
Turn-off delay time
td(off)
-
450
-
Fall time
tf
-
70
-
ns
Turn-on energy
Eon
-
0.67
-
Turn-off energy
Eoff
-
0.7
-
Total switching energy
Ets
Tj=25
°C,
VCC=600V,IC=8A,
VGE=0/15V,
RG=81
Ω,
Lσ
2) =180nH,
Cσ
2) =39pF
Energy losses include
“tail” and diode
reverse recovery.
-
1.37
-
mJ
Anti-Parallel Diode Characteristic
Diode reverse recovery time
trr
-
80
-
ns
Diode reverse recovery charge
Qrr
-
1.0
-
µC
Diode peak reverse recovery current
Irrm
-
13
-
A
Diode peak rate of fall of reverse
recovery current during tb
dirr/dt
Tj=25
°C,
VR=600V, IF=8A,
diF/dt=600A/
µs
-
420
-
A/
µs
1) Allowed number of short circuits: <1000; time between short circuits: >1s.
2) Leakage inductance Lσ and Stray capacity Cσ due to dynamic test circuit in Figure E.


Similar Part No. - IKW08T120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW08T120 INFINEON-IKW08T120 Datasheet
343Kb / 15P
   LOW LOSS DUOPACK - IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI - PARALLEL EMCON HE DIODE
Rev. 1 Oct-03
IKW08T120 INFINEON-IKW08T120 Datasheet
516Kb / 16P
   IGBT in TrenchStop짰 and Fieldstop technology with soft,
Rev. 2.4 12.06.2013
IKW08T120 INFINEON-IKW08T120_13 Datasheet
516Kb / 16P
   IGBT in TrenchStop짰 and Fieldstop technology with soft,
Rev. 2.4 12.06.2013
More results

Similar Description - IKW08T120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW25T120 INFINEON-IKW25T120_08 Datasheet
374Kb / 16P
   Low Loss DuoPack : IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Sep 08
IHP10T120 INFINEON-IHP10T120 Datasheet
334Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Jun-04
IKP15N60T INFINEON-IKP15N60T Datasheet
402Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 May 06
IKW50N60T INFINEON-IKW50N60T Datasheet
416Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKW75N60T INFINEON-IKW75N60T Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 May 06
IKP04N60T INFINEON-IKP04N60T Datasheet
365Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKP10N60T INFINEON-IKP10N60T Datasheet
396Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IHP10T120 INFINEON-IHP10T120_07 Datasheet
376Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 Sept. 07
IKA15N60T INFINEON-IKA15N60T Datasheet
404Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 July 06
IKP06N60T INFINEON-IKP06N60T Datasheet
359Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 May 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com