Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB07N60C3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SPB07N60C3
Description  New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPB07N60C3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPB07N60C3 Datasheet HTML 1Page - Infineon Technologies AG SPB07N60C3 Datasheet HTML 2Page - Infineon Technologies AG SPB07N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPB07N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPB07N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPB07N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPB07N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPB07N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPB07N60C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2005-0
9-14
Rev. 2.
5
Page 4
SPB07N60C3
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Inverse diode continuous
forward current
IS
TC=25°C
-
-
7.3
A
Inverse diode direct current,
pulsed
ISM
-
-
21.9
Inverse diode forward voltage
VSD
VGS=0V, IF=IS
-
1
1.2
V
Reverse recovery time
trr
VR=480V, IF=IS ,
diF/dt=100A/µs
-
400
600
ns
Reverse recovery charge
Qrr
-
4
-
µC
Peak reverse recovery current
Irrm
-
28
-
A
Peak rate of fall of reverse
recovery current
dirr/dt
Tj=25°C
-
800
-
A/µs
Typical Transient Thermal Characteristics
Symbol
Value
Unit
Symbol
Value
Unit
SPB
SPB
Rth1
0.024
K/W
Cth1
0.00012
Ws/K
Rth2
0.046
Cth2
0.0004578
Rth3
0.085
Cth3
0.000645
Rth4
0.308
Cth4
0.001867
Rth5
0.317
Cth5
0.004795
Rth6
0.112
Cth6
0.045
External H eatsink
Tj
Tcase
Tamb
Cth1
Cth2
R th1
Rth,n
Cth,n
Ptot (t)


Similar Part No. - SPB07N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPB07N60C3 INFINEON-SPB07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
logo
Inchange Semiconductor ...
SPB07N60C3 ISC-SPB07N60C3 Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPB07N60C3 VBSEMI-SPB07N60C3 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - SPB07N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP04N60C3 INFINEON-SPP04N60C3_09 Datasheet
594Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-11-26
SPP15N60C3 INFINEON-SPP15N60C3_09 Datasheet
689Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-12-22
SPP07N60C3 INFINEON-SPP07N60C3_09 Datasheet
625Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-11-27
SPP20N65C3 INFINEON-SPP20N65C3_09 Datasheet
622Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-12-01
SPP03N60C3 INFINEON-SPP03N60C3_09 Datasheet
599Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-11-26
SPP04N60S5 INFINEON-SPP04N60S5_07 Datasheet
1,001Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.6 2007-08-30
SPW11N80C3 INFINEON-SPW11N80C3_08 Datasheet
684Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.9 2008-10-15
SPN01N60C3 INFINEON-SPN01N60C3_05 Datasheet
7Mb / 9P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.2 2005-02-21
SPN03N60S5 INFINEON-SPN03N60S5_05 Datasheet
4Mb / 9P
   New revolutionary high voltage technology Ultra low gate chargeExtreme dv/dt rated
Rev. 2.2 2005-02-21
SPA20N60CFD INFINEON-SPA20N60CFD_09 Datasheet
654Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology Extreme dv/dt rated
Rev. 1.3 2009-12-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com