Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB07N60C3 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPB07N60C3
Description  New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPB07N60C3 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPB07N60C3 Datasheet HTML 1Page - Infineon Technologies AG SPB07N60C3 Datasheet HTML 2Page - Infineon Technologies AG SPB07N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPB07N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPB07N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPB07N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPB07N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPB07N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPB07N60C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2005-0
9-14
Rev. 2.
5
Page 1
SPB07N60C3
Cool MOS™ Power Transistor
VDS @ Tjmax
650
V
RDS(on)
0.6
ID
7.3
A
Feature
• New revolutionary high voltage technology
• Ultra low gate charge
• Periodic avalanche rated
• Extreme dv/dt rated
• High peak current capability
• Improved transconductance
P
G-TO263
Marking
07N60C3
Type
Package
Ordering Code
SPB07N60C3
P
G-TO263
Q67040-S4394
Maximum Ratings
Parameter
Symbol
Value
Unit
SPB
Continuous drain current
TC = 25 °C
TC = 100 °C
ID
7.3
4.6
A
Pulsed drain current, tp limited by Tjmax
ID puls
21.9
A
Avalanche energy, single pulse
ID=5.5A, VDD=50V
EAS
230
mJ
Avalanche energy, repetitive tAR limited by Tjmax2)
ID=7.3A, VDD=50V
EAR
0.5
Avalanche current, repetitive tAR limited by Tjmax
IAR
7.3
A
Gate source voltage static
VGS
±20
V
Gate source voltage AC (f >1Hz)
VGS
±30
Power dissipation, TC = 25°C
Ptot
83
W
Operating and storage temperature
Tj , Tstg
-55...+150
°C
Reverse diode dv/dt
dv/dt
15
V/ns
6)


Similar Part No. - SPB07N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPB07N60C3 INFINEON-SPB07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
logo
Inchange Semiconductor ...
SPB07N60C3 ISC-SPB07N60C3 Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPB07N60C3 VBSEMI-SPB07N60C3 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - SPB07N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP04N60C3 INFINEON-SPP04N60C3_09 Datasheet
594Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-11-26
SPP15N60C3 INFINEON-SPP15N60C3_09 Datasheet
689Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-12-22
SPP07N60C3 INFINEON-SPP07N60C3_09 Datasheet
625Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-11-27
SPP20N65C3 INFINEON-SPP20N65C3_09 Datasheet
622Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-12-01
SPP03N60C3 INFINEON-SPP03N60C3_09 Datasheet
599Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-11-26
SPP04N60S5 INFINEON-SPP04N60S5_07 Datasheet
1,001Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.6 2007-08-30
SPW11N80C3 INFINEON-SPW11N80C3_08 Datasheet
684Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.9 2008-10-15
SPN01N60C3 INFINEON-SPN01N60C3_05 Datasheet
7Mb / 9P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.2 2005-02-21
SPN03N60S5 INFINEON-SPN03N60S5_05 Datasheet
4Mb / 9P
   New revolutionary high voltage technology Ultra low gate chargeExtreme dv/dt rated
Rev. 2.2 2005-02-21
SPA20N60CFD INFINEON-SPA20N60CFD_09 Datasheet
654Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology Extreme dv/dt rated
Rev. 1.3 2009-12-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com