Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS711L1 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BTS711L1
Description  Smart Four Channel Highside Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS711L1 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BTS711L1_10 Datasheet HTML 1Page - Infineon Technologies AG BTS711L1_10 Datasheet HTML 2Page - Infineon Technologies AG BTS711L1_10 Datasheet HTML 3Page - Infineon Technologies AG BTS711L1_10 Datasheet HTML 4Page - Infineon Technologies AG BTS711L1_10 Datasheet HTML 5Page - Infineon Technologies AG BTS711L1_10 Datasheet HTML 6Page - Infineon Technologies AG BTS711L1_10 Datasheet HTML 7Page - Infineon Technologies AG BTS711L1_10 Datasheet HTML 8Page - Infineon Technologies AG BTS711L1_10 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Data Sheet
4
Rev 1.2, 2010-03-16
Smart High-Side Power Switch
BTS711L1
Maximum Ratings at
Tj = 25°C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (overvoltage protection see page 4)
Vbb
43
V
Supply voltage for full short circuit protection
Tj,start = -40 ...+150°C
Vbb
34
V
Load current (Short-circuit current, see page 5)
IL
self-limited
A
Load dump protection2)
VLoadDump = UA + Vs, UA = 13.5 V
RI3) = 2
Ω, td = 200 ms; IN = low or high,
each channel loaded with
RL = 7.1
Ω,
VLoad
dump
4)
60
V
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Power dissipation (DC)5
Ta = 25°C:
(all channels active)
Ta = 85°C:
Ptot
3.6
1.9
W
Inductive load switch-off energy dissipation, single pulse
Vbb = 12V, Tj,start = 150°C5),
IL = 1.9 A, ZL = 66 mH, 0 Ω
one channel:
IL = 2.8 A, ZL = 66 mH, 0 Ω
two parallel channels:
IL = 4.4 A, ZL = 66 mH, 0 Ω
four parallel channels:
see diagrams on page 9 and page 10
EAS
150
320
800
mJ
Electrostatic discharge capability (ESD)
(Human Body Model)
VESD
1.0
kV
Input voltage (DC)
VIN
-10 ... +16
V
Current through input pin (DC)
Current through status pin (DC)
see internal circuit diagram page 8
IIN
IST
±2.0
±5.0
mA
Thermal resistance
junction - soldering point5),6)
each channel:
Rthjs
16
K/W
junction - ambient5)
one channel active:
all channels active:
Rthja
44
35
2
)
Supply voltages higher than Vbb(AZ) require an external current limit for the GND and status pins, e.g. with a
150
Ω resistor in the GND connection and a 15 kΩ resistor in series with the status pin. A resistor for input
protection is integrated.
3)
RI = internal resistance of the load dump test pulse generator
4)
VLoad dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
5
)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm
2 (one layer, 70
µm thick) copper area for Vbb
connection. PCB is vertical without blown air. See page 15
6
)
Soldering point: upper side of solder edge of device pin 15. See page 15


Similar Part No. - BTS711L1_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS711L1 INFINEON-BTS711L1_12 Datasheet
1Mb / 18P
   Smart High-Side Power Switch
Rev 1.3, 2012-01-16
More results

Similar Description - BTS711L1_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS712N1 INFINEON-BTS712N1 Datasheet
360Kb / 15P
   Smart Four Channel Highside Power Switch
2004-Mar-11
BTS712N1 INFINEON-BTS712N1_10 Datasheet
1Mb / 17P
   Smart Four Channel Highside Power Switch
Rev 1.3, 2010-03-16
BTS711L1 INFINEON-BTS711L1 Datasheet
355Kb / 16P
   Smart Four Channel Highside Power Switch
2003-Oct-01
BTS721L1 INFINEON-BTS721L1 Datasheet
360Kb / 15P
   Smart Four Channel Highside Power Switch
2003-Oct-01
ITS711L1 INFINEON-ITS711L1 Datasheet
385Kb / 16P
   Smart Four Channel Highside Power Switch for Industrial Applications
2006-Mar-23
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com