Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4906L Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLV4906L
Description  Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLV4906L Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLV4906L Datasheet HTML 3Page - Infineon Technologies AG TLV4906L Datasheet HTML 4Page - Infineon Technologies AG TLV4906L Datasheet HTML 5Page - Infineon Technologies AG TLV4906L Datasheet HTML 6Page - Infineon Technologies AG TLV4906L Datasheet HTML 7Page - Infineon Technologies AG TLV4906L Datasheet HTML 8Page - Infineon Technologies AG TLV4906L Datasheet HTML 9Page - Infineon Technologies AG TLV4906L Datasheet HTML 10Page - Infineon Technologies AG TLV4906L Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Product Name
Product Type
Order Code
Package
TLV4906L
Hall Effect Switch
SP000604324
PG-SSO-3-2
Hall Effect Switch
TLV4906L
Datasheet
7
Rev. 1.1, 2010-08-02
1
Product Description
1.1
Overview
The TLV4906L is a high precision Hall Effect Switch with highly accurate
switching thresholds for ambient operating temperatures up to 85°C.
1.2
Features
2.7 V to 18 V supply voltage operation.
Operation from unregulated power supply.
High sensitivity and high stability of the magnetic switching points.
High resistance to mechanical stress by active error compensation.
Reverse battery protection (-18 V).
Superior temperature stability.
Low jitter (typically 1 µs).
High ESD performance (
± 4 kV HBM).
Digital output signal (open-drain).
Not suitable for automotive applications
1.3
Target Applications
The TLV4906L is ideally suited for all industrial and consumer applications that require a high precision switching
thresholds for position sensing. It can be used for example for: security systems, alignment control, push buttons,
keyboards, key switches, machine tools, etc.


Similar Part No. - TLV4906L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4906K INFINEON-TLV4906K Datasheet
1Mb / 16P
   Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
More results

Similar Description - TLV4906L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4906K INFINEON-TLV4906K Datasheet
1Mb / 16P
   Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4946-2L INFINEON-TLV4946-2L Datasheet
1Mb / 16P
   Value Optimized Hall Effect Latch for Industrial and Consumer Applications
Rev1.1, 2010-08-02
TLV4946K INFINEON-TLV4946K Datasheet
1Mb / 16P
   Value Optimized Hall Effect Latches for Industrial and Consumer Applications
Rev1.1, 2010-08-02
TLV4976-2K INFINEON-TLV4976-2K Datasheet
1Mb / 17P
   Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4976-1K INFINEON-TLV4976-1K Datasheet
1Mb / 16P
   Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications
Rev. 1.0, 2010-08-02
logo
Allegro MicroSystems
APS13295 ALLEGRO-APS13295 Datasheet
656Kb / 14P
   Precision Hall-Effect Switch for Consumer and Industrial Applications
A3295KUA-T ALLEGRO-A3295KUA-T Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
A3295 ALLEGRO-A3295_16 Datasheet
518Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
APS13290 ALLEGRO-APS13290 Datasheet
991Kb / 15P
   Precision Hall-Effect Latches for Consumer and Industrial Applications
logo
Infineon Technologies A...
TLI4946 INFINEON-TLI4946 Datasheet
468Kb / 17P
   High Precision Hall Effect Latches for Industrial and Consumer Applications
2009-05-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com