Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA07N60C3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SPA07N60C3
Description  New revolutionary high voltage technology Ultra low gate charge
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA07N60C3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SPA07N60C3 Datasheet HTML 1Page - Infineon Technologies AG SPA07N60C3 Datasheet HTML 2Page - Infineon Technologies AG SPA07N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPA07N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPA07N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPA07N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPA07N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPA07N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPA07N60C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
200
7-08-30
Rev.
3.1
Page 2
SPP07N60C3
SPI07N60C3, SPA07N60C3
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain Source voltage slope
VDS = 480 V, ID = 7.3 A, Tj = 125 °C
dv/dt
50
V/ns
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Thermal resistance, junction - case
RthJC
-
-
1.5
K/W
Thermal resistance, junction - case, FullPAK
RthJC_FP
-
-
3.9
Thermal resistance, junction - ambient, leaded
RthJA
-
-
62
Thermal resistance, junction - ambient, FullPAK
RthJA_FP
-
-
80
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area 3)
RthJA
-
-
-
35
62
-
Soldering temperature, wavesoldering
1.6 mm (0.063 in.) from case for 10s
Tsold
-
-
260
°C
Electrical Characteristics, at Tj=25°C unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Drain-source breakdown voltage V(BR)DSS VGS=0V, ID=0.25mA
600
-
-
V
Drain-Source avalanche
breakdown voltage
V(BR)DS VGS=0V, ID=7.3A
-
700
-
Gate threshold voltage
VGS(th)
ID=350µA, VGS=VDS 2.1
3
3.9
Zero gate voltage drain current
IDSS
VDS=600V, VGS=0V,
Tj=25°C
Tj=150°C
-
-
0.5
-
1
100
µA
Gate-source leakage current
IGSS
VGS=30V, VDS=0V
-
-
100
nA
Drain-source on-state resistance RDS(on) VGS=10V, ID=4.6A
Tj=25°C
Tj=150°C
-
-
0.54
1.46
0.6
-
Gate input resistance
RG
f=1MHz, open drain
-
0.8
-


Similar Part No. - SPA07N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA07N60C3 INFINEON-SPA07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPA07N60C3 INFINEON-SPA07N60C3 Datasheet
625Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-11-27
logo
Inchange Semiconductor ...
SPA07N60C3 ISC-SPA07N60C3 Datasheet
267Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPA07N60C3 VBSEMI-SPA07N60C3 Datasheet
1Mb / 10P
   N-Channel 650V (D-S)Power MOSFET
More results

Similar Description - SPA07N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPB11N60S5 INFINEON-SPB11N60S5_05 Datasheet
691Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 2.3 2005-07-22
SPN02N60C3 INFINEON-SPN02N60C3_05 Datasheet
2Mb / 11P
   New revolutionary high voltage technology Ultra low gate charge Ultra low effective capacitances
Rev. 2.3 2005-02-21
SPP11N65C3 INFINEON-SPP11N65C3_07 Datasheet
1,019Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.9 2007-08-30
SPP04N50C3 INFINEON-SPP04N50C3_09 Datasheet
635Kb / 13P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.8 2009-11-26
SPP12N50C3 INFINEON-SPP12N50C3_07 Datasheet
1Mb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.0 2007-08-30
SPI11N60CFD INFINEON-SPI11N60CFD Datasheet
1Mb / 12P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.6 2009-04-24
SPP08N50C3 INFINEON-SPP08N50C3_09 Datasheet
732Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.91 2009-11-27
SPP16N50C3 INFINEON-SPP16N50C3_07 Datasheet
1Mb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.0 2007-08-30
SPP16N50C3 INFINEON-SPP16N50C3_09 Datasheet
729Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.2 2009-12-22
SPB21N50C3 INFINEON-SPB21N50C3_05 Datasheet
1Mb / 12P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.3 2005-11-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com