Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC161CS-32F Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # XC161CS-32F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC161CS-32F Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button XC161CS-32F Datasheet HTML 5Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 6Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 7Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 8Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 9Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 10Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 11Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 12Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
XC161CS-32F
Derivatives
General Device Information
Data Sheet
7
V1.2, 2006-08
2
General Device Information
2.1
Introduction
The XC161 derivatives are high-performance members of the Infineon XC166 Family of
full featured single-chip CMOS microcontrollers. These devices extend the functionality
and performance of the C166 Family in terms of instructions (MAC unit), peripherals, and
speed. They combine high CPU performance (up to 40 million instructions per second)
with high peripheral functionality and enhanced IO-capabilities. They also provide clock
generation via PLL and various on-chip memory modules such as program Flash,
program RAM, and data RAM.
Figure 1
Logic Symbol
MCA05554
XC161
XTAL1
XTAL2
XTAL3
XTAL4
NMI
RSTIN
RSTOUT
EA
READY
ALE
RD
WR/WRL
Port 5
12 bit
Port 20
6 bit
PORT0
16 bit
PORT1
16 bit
Port 2
8 bit
Port 3
15 bit
Port 4
8 bit
Port 6
8 bit
Port 7
4 bit
Port 9
6 bit
V
AGND
V
AREF
V
DDI/P V
SSI/P
JTAG
5 bit
TRST
Debug
2 bit


Similar Part No. - XC161CS-32F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC161CS-32F INFINEON-XC161CS-32F Datasheet
1Mb / 84P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Nov. 2004
More results

Similar Description - XC161CS-32F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164D INFINEON-XC164D Datasheet
996Kb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC164S INFINEON-XC164S Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC167CI-16F INFINEON-XC167CI-16F_06 Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.3, Aug. 2006
XC164CM INFINEON-XC164CM_07 Datasheet
2Mb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.4, March 2007
XC164TH INFINEON-XC164TH_07 Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2007
XC164N-32F INFINEON-XC164N-32F Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC161CS-32F INFINEON-XC161CS-32F Datasheet
1Mb / 84P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Nov. 2004
XC167CI-16F INFINEON-XC167CI-16F Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2006
XC167CS-32F INFINEON-XC167CS-32F Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
XC164D-32F INFINEON-XC164D-32F Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com