Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6389 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE6389 Datasheet HTML 1Page - Infineon Technologies AG TLE6389 Datasheet HTML 2Page - Infineon Technologies AG TLE6389 Datasheet HTML 3Page - Infineon Technologies AG TLE6389 Datasheet HTML 4Page - Infineon Technologies AG TLE6389 Datasheet HTML 5Page - Infineon Technologies AG TLE6389 Datasheet HTML 6Page - Infineon Technologies AG TLE6389 Datasheet HTML 7Page - Infineon Technologies AG TLE6389 Datasheet HTML 8Page - Infineon Technologies AG TLE6389 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
4
2007-08-13
1.5
Pin Definitions and Functions
Pin No
Symbol
Function
1
ENABLE Active-High enable input (only at adjustable version, TLE6389-2 GV)
for the device.
The device is shut down when ENABLE is driven low. In this shut down-
mode the reference, the output and the external MOSFET are turned off.
Connect to logic high for normal operation.
1
SI_ENA
BLE
Active-High enable input (only at 5V version, TLE6389-2 GV50 and
TLE6389-3 GV50) for SI_GND input.
SI_GND is switched to high impedance when SI_ENABLE is low. High
level at SI_ENABLE connects SI_GND to GND with low impedance. SO is
undefined when SI_ENABLE is low.
2
FB
Feedback input.
1. For adjustable version (-2GV) connect this pin to an external voltage
divider from the output to GND (see the determining the output voltage,
application section).
2. At the 5V fixed output voltage version (-3GV50 and -2GV50) the FB is
connected internally to an on-chip voltage divider. It does not have to be
connected externally to the output.
3
VOUT
Buck output voltage input.
Input for the internal supply. Connect always to the output of the buck
converter (output capacitor).
4
GND
Ground connection. Analog signal ground.
5
SYNC
Input for external frequency synchronization.
An external clock signal connected to this pin allows switching frequency
synchronization of the device. The internal oscillator is clocked then by the
frequency applied at the SYNC input.
6
SI_GND SI-Ground input.
Ground connection for SI comparator resistor divider. Depending on
SI_ENABLE this input is switched to high impedance or low ohmic to GND.
7
SI
Sense comparator input.
Input of the low-battery comparator. This input is compared to an internal
1.25V reference where SO gives the result of the comparison. Can be
used for any comparison, not necessarily as battery sense.
8
COMP
Compensation input.
Connect via RC-compensation network to GND.
9
SO
Sense comparator output.
Open drain output from SI comparator at the adjustable version (TLE6389-
2 GV),
Pull down structure with an internal 20k
Ω pull up resistor to VOUT at the
5V version (TLE6389-2 GV50 and TLE6389-3 GV50).


Similar Part No. - TLE6389

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389 Datasheet
121Kb / 23P
   Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
2007-08-13 Rev 2.1
TLE6389G33 INFINEON-TLE6389G33 Datasheet
121Kb / 23P
   Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
TLE6389G33-1 INFINEON-TLE6389G33-1 Datasheet
121Kb / 23P
   Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
TLE6389G50 INFINEON-TLE6389G50 Datasheet
121Kb / 23P
   Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
More results

Similar Description - TLE6389

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
   Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
logo
Richtek Technology Corp...
RT2702 RICHTEK-RT2702 Datasheet
436Kb / 20P
   Step-Down DC-DC Controller
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389 Datasheet
121Kb / 23P
   Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
   Step down DC/DC controller
logo
Silicon Standard Corp.
SS6579 SSC-SS6579 Datasheet
537Kb / 8P
   Step-Down DC/DC Controller
logo
Infineon Technologies A...
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
2007-08-13 Rev 2.1
logo
Analog Devices
ADP1821 AD-ADP1821 Datasheet
543Kb / 24P
   Step-Down DC-to-DC Controller
REV. B
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1821 AD-ADP1821_15 Datasheet
815Kb / 24P
   Step-Down DC-to-DC Controller
REV. C
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com