Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3500AMPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR3500AMPBF
Description  XPHASE3TM VR11.0 & AMD PVID CONTROL IC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3500AMPBF Datasheet(HTML) 1 Page - International Rectifier

  IR3500AMPBF Datasheet HTML 1Page - International Rectifier IR3500AMPBF Datasheet HTML 2Page - International Rectifier IR3500AMPBF Datasheet HTML 3Page - International Rectifier IR3500AMPBF Datasheet HTML 4Page - International Rectifier IR3500AMPBF Datasheet HTML 5Page - International Rectifier IR3500AMPBF Datasheet HTML 6Page - International Rectifier IR3500AMPBF Datasheet HTML 7Page - International Rectifier IR3500AMPBF Datasheet HTML 8Page - International Rectifier IR3500AMPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
IR3500A
Page 1 of 48
July 28, 2009
DATA SHEET
XPHASE3TM
VR11.0 & AMD PVID CONTROL IC
DESCRIPTION
The IR3500A Control IC combined with an xPHASE3
TM Phase IC provides a full featured and flexible way
to implement a complete VR11.0 or AMD PVID power solution. The Control IC provides overall system
control and interfaces with any number of Phase ICs which each drive and monitor a single phase of a
multiphase converter. The XPhase3
TM architecture implements a power supply that is smaller, less
expensive, and easier to design while providing higher efficiency than conventional approaches.
FEATURES
1 to X phase operation with matching Phase IC
VID Select pin configures AMD 5 or 6 bit PVID, Intel VR11 with/out startup to 1.1V Boot voltage
0.5% overall system set point accuracy
Programmable 250kHz to 9MHz Daisy-chain digital phase timing clock oscillator frequency provides a
per phase switching frequency of 250kHz to 1.5MHz without external components
Programmable Dynamic VID Slew Rate
Programmable VID Offset or No Offset
Programmable Load Line Output Impedance
High speed error amplifier with wide bandwidth of 30MHz and fast slew rate of 12V/us
Programmable converter current limit during soft start, hiccup with delay during normal operation
Central over voltage detection with programmable threshold and communication to phase ICs
Over voltage signal output to system with overvoltage detection during powerup and normal operation
Detection and protection of open remote sense line and open control loop
IC bias linear regulator control with programmable output voltage and UVLO
Programmable VRHOT function monitors temperature of power stage through a NTC thermistor
Remote sense amplifier with true converter voltage sensing and less than 50uA bias current
Simplified PGOOD output provides indication of proper operation and avoids false triggering
Small thermally enhanced 32L 5mm x 5mm MLPQ package
RoHS Compliant
FUSE
Q2
ROVP2
RCP
CVDAC
RVCCLFB1
CCP
ROSC
VID7
1
VID6
2
VID5
3
VID4
4
VID3
5
VID2
6
VID1
7
VID0
8
VDAC
21
VSETPT
19
OCSET
20
LGND
24
VDRP
17
SS/DEL
22
ROSC / OVP
23
IIN
18
IR3500A
CONTROL
IC
SCR
RVDAC
RVCCLFB2
RFB
CDRP
RHOTSET2
RHOTSET1
RDRP
Q3
ROVP1
4.7uF
CVCCL
CFB
ROCSET
RFB1
CCP1
CSS/DEL
RVSETPT
Q1
VID7
PGOOD
12V
RVCCLDRV
VIDSEL
VID3
VID2
VID6
VID4
VID5
VID0
VID1
VRHOT
ENABLE
VSS SENSE -
VCC SENSE +
6 Wire
Bus to
Phase
ICs
To Converter
To Load
VCCL
RFB2
Optional
RTHERMISTOR1
VDAC
RTHERMISTOR2
Close to
Power Stage
Figure 1 – Application Circuit


Similar Part No. - IR3500AMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3500 IRF-IR3500 Datasheet
754Kb / 47P
   XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3500MPBF IRF-IR3500MPBF Datasheet
754Kb / 47P
   XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3500MTRPBF IRF-IR3500MTRPBF Datasheet
754Kb / 47P
   XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3500V IRF-IR3500V Datasheet
618Kb / 34P
   XPHASE3TM VR11.1 CPU VTT CONTROL IC
IR3500VMPBF IRF-IR3500VMPBF Datasheet
618Kb / 34P
   XPHASE3TM VR11.1 CPU VTT CONTROL IC
More results

Similar Description - IR3500AMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3500 IRF-IR3500 Datasheet
754Kb / 47P
   XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3521 IRF-IR3521 Datasheet
480Kb / 45P
   XPHASE3TM AMD SVID CONTROL IC
IR3514 IRF-IR3514 Datasheet
438Kb / 1P
   XPHASE3TM AMD HYBRID CONTROL IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
   XPHASE3TM CONTROL IC
IR3502 IRF-IR3502 Datasheet
20Kb / 1P
   XPHASE3TM CONTROL IC
IR3502A IRF-IR3502A Datasheet
446Kb / 38P
   XPHASE3TM CONTROL IC
IR3502 IRF-IR3502_09 Datasheet
1Mb / 39P
   XPHASE3TM CONTROL IC
IR3513Z IRF-IR3513Z Datasheet
738Kb / 36P
   XPHASE3TM POL CONTROL IC
IR3523 IRF-IR3523 Datasheet
547Kb / 37P
   XPHASE3TM DUAL OUTPUT CONTROL IC
IR3522 IRF-IR3522 Datasheet
754Kb / 32P
   XPHASE3TM DDR & VTT CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com