Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3508MTRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR3508MTRPBF
Description  XPHASE3TM PHASE IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3508MTRPBF Datasheet(HTML) 1 Page - International Rectifier

  IR3508MTRPBF Datasheet HTML 1Page - International Rectifier IR3508MTRPBF Datasheet HTML 2Page - International Rectifier IR3508MTRPBF Datasheet HTML 3Page - International Rectifier IR3508MTRPBF Datasheet HTML 4Page - International Rectifier IR3508MTRPBF Datasheet HTML 5Page - International Rectifier IR3508MTRPBF Datasheet HTML 6Page - International Rectifier IR3508MTRPBF Datasheet HTML 7Page - International Rectifier IR3508MTRPBF Datasheet HTML 8Page - International Rectifier IR3508MTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
IR3508
Page 1 of 19
October 27, 2008
DATA SHEET
XPHASE3TM PHASE IC
DESCRIPTION
The IR3508 Phase IC combined with any IR XPhase3TM Control IC provides a full featured and flexible way to
implement a power solution for the latest high performance CPUs and ASICs. The “Control” IC provides
overall system control and interfaces with any number of “Phase” ICs which each drive and monitor a single
phase of a multiphase converter. The XPhase3TM architecture results in a power supply that is smaller, less
expensive, and easier to design while providing higher efficiency than conventional approaches.
The IR3508 disables its current sense amplifiers when entering power savings mode. The recommended use
for these Phase ICs is for applications without adaptive voltage positioning where two or more power stages
will be operating in power savings mode.
FEATURES IR3508 PHASE IC
x Power State Indicator (PSI) interface provides the capability to maximize the efficiency at light loads.
x Anti-bias circuitry
x 7V/2A gate drivers (4A GATEL sink current)
x Support converter output voltage up to 5.1 V (Limited to VCCL-1.4V)
x Loss-less inductor current sensing
x Phase delay DFF bypassed during PSI assertion mode to improve output ripple performance
x Over-current protection during PSI assertion mode operation
x Feed-forward voltage mode control
x Integrated boot-strap synchronous PFET
x Only four external components per phase
x 3 wire analog bus connects Control and Phase ICs (VID, Error Amp, IOUT)
x 3 wire digital bus for accurate daisy-chain phase timing control without external components
x Debugging function isolates phase IC from the converter
x Self-calibration of PWM ramp, current sense amplifier, and current share amplifier
x Single-wire bidirectional average current sharing
x Small thermally enhanced 20L 4 X 4mm MLPQ package
x RoHS compliant
APPLICATION CIRCUIT
VOUT-
12V
CLKIN
PHSOUT
PHSIN
VCCL
VOUT+
IOUT
DACIN
EAIN
PSI
CCS
CVCCL
DACIN
3
GATEH
14
VCCL
12
BOOST
13
PHSIN
5
IOUT
1
SW
15
LGND
4
PSI
2
NC
11
IR3508
COUT
L
RCS
CBST
Figure 1 Application Circuit


Similar Part No. - IR3508MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3508Z IRF-IR3508Z Datasheet
454Kb / 19P
   XPHASE3TM PHASE IC
IR3508ZMPBF IRF-IR3508ZMPBF Datasheet
454Kb / 19P
   XPHASE3TM PHASE IC
IR3508ZMTRPBF IRF-IR3508ZMTRPBF Datasheet
454Kb / 19P
   XPHASE3TM PHASE IC
More results

Similar Description - IR3508MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3508Z IRF-IR3508Z Datasheet
454Kb / 19P
   XPHASE3TM PHASE IC
IR3507 IRF-IR3507 Datasheet
356Kb / 19P
   XPHASE3TM PHASE IC
IR3505 IRF-IR3505 Datasheet
293Kb / 19P
   XPHASE3TM PHASE IC
IR3529 IRF-IR3529 Datasheet
451Kb / 22P
   XPHASE3TM PHASE IC
IR3507PBF IRF-IR3507PBF Datasheet
504Kb / 19P
   XPHASE3TM PHASE IC
IR3505Z IRF-IR3505Z Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
IR3507Z IRF-IR3507Z Datasheet
475Kb / 19P
   XPHASE3TM PHASE IC
IR3527 IRF-IR3527 Datasheet
2Mb / 20P
   XPHASE3TM DUAL PHASE IC
IR3506 IRF-IR3506 Datasheet
366Kb / 21P
   XPHASE3TM DDR & VTT PHASE IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
   XPHASE3TM CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com