Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3508ZMTRPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IR3508ZMTRPBF
Description  XPHASE3TM PHASE IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3508ZMTRPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3508ZMTRPBF Datasheet HTML 7Page - International Rectifier IR3508ZMTRPBF Datasheet HTML 8Page - International Rectifier IR3508ZMTRPBF Datasheet HTML 9Page - International Rectifier IR3508ZMTRPBF Datasheet HTML 10Page - International Rectifier IR3508ZMTRPBF Datasheet HTML 11Page - International Rectifier IR3508ZMTRPBF Datasheet HTML 12Page - International Rectifier IR3508ZMTRPBF Datasheet HTML 13Page - International Rectifier IR3508ZMTRPBF Datasheet HTML 14Page - International Rectifier IR3508ZMTRPBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
IR3508Z
Page 11 of 19
Jan 09, 2009
share loop is much slower than that of the voltage loop and the two loops do not interact. For proper current sharing the
output of current sense amplifier should not exceed (VCCL-1.4V) under all operating condition.
IR3508Z THEORY OF OPERATION
Block Diagram
The Block diagram of the IR3508Z is shown in Figure 5, and specific features are discussed in the following
sections.
+
-
+
-
CLK
D
Q
+
-
+
-
VCC
S
R
Q
EAIN
+
-
LGND
IOUT
GATEL
PGND
BOOST
GATEH
CSIN+
VCCL
CSIN-
PHSIN
CLKIN
DACIN
PHSOUT
SW
RMPOUT
PWM RESET
VCC
CALIBRATION
CALIBRATION
DACIN
CALIBRATION
CSAOUT
DEBUG OFF
SHARE_ADJ
PHSIN
DACIN
DACIN-SHARE_ADJ
VCCL
IROSC
IROSC
CURRENT SENSE
AMPLIFIER
BODY BRAKING
COMPARATOR
PWM COMPARATOR
PWM LATCH
SHARE
ADJUST
AMPLIFIER
-
1V
X32.5
+
OVP
COMPARATOR
GATEL NON-
OVERLAP
COMPARATOR
1V
SYNCHRONOUS RECTIFICATION
DISABLE COMPARATOR
+
PWM RAMP
GENERATOR
GATEL NON-
OVERLAP
LATCH
GATEH NON-
OVERLAP
LATCH
GATEL
DRIVER
GATEH
DRIVER
SET
DOMINANT
X
0.75
DEBUG
COMPARATOR
SET
DOMINANT
0.8V
(LOW=OPEN)
RESET
DOMINANT
0.15V
GATEH NON-
OVERLAP
COMPARATOR
NEGATIVE CURRENT
COMPARATOR
100mV
PWMQ
200mV
(CLKIN for 1-PHASE)
CLK
D
Q
VCCL
PHSIN
.
.
.
PSI_SY NC
CLK
D
Q
CLK
D
Q
Q
U183
DFFRSH
.
.
.
.
.
CLK
D
Q
PSI_SY NC
PHASE DELAY DFF
8CLK
EAIN
VCCL
500K
ANTI-BIAS
LATCH
+
-
PSI
510mV
610mV
CLK
D
Q
1V
RESET
DOMINANT
+
PSI
COMPARATOR
S
R
Q
NEGATIVE
CURRENT
LATCH
VCCL
EAIN
3K
+
-
S
R
Q
+
-
PSI_SYNC
PWM_CLK
PSI_SY NC
Figure 5: Block diagram
Tri-State Gate Drivers
The gate drivers are design to provide a 2A source and sink peak current (Bottom gate driver can sink 4A). An
adaptive non-overlap circuit monitors the voltage on the GATEH and GATEL pins to prevent MOSFET shoot-
through current and minimizing body diode conduction. The non-overlap latch is added to eliminate erroneous
triggering caused by the switching noise. A fault condition is communicated to the phase IC via the control IC’s error
amplifier without an additional dedicated signal line. The error amplifier’s output is driven low in response to any
fault condition detected by the controller, such as VCCL under voltage or output overload, disabling the phase IC
and activating Body Braking
TM. The IR3508Z Body BrakingTM comparator detects the low signal at the EAIN and
drives the bottom gate output low. This tri-state operation prevents negative inductor current and negative output
voltage during power-down.


Similar Part No. - IR3508ZMTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3508 IRF-IR3508 Datasheet
1Mb / 19P
   XPHASE3TM PHASE IC
IR3508MPBF IRF-IR3508MPBF Datasheet
1Mb / 19P
   XPHASE3TM PHASE IC
IR3508MTRPBF IRF-IR3508MTRPBF Datasheet
1Mb / 19P
   XPHASE3TM PHASE IC
More results

Similar Description - IR3508ZMTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3508 IRF-IR3508 Datasheet
1Mb / 19P
   XPHASE3TM PHASE IC
IR3507 IRF-IR3507 Datasheet
356Kb / 19P
   XPHASE3TM PHASE IC
IR3505 IRF-IR3505 Datasheet
293Kb / 19P
   XPHASE3TM PHASE IC
IR3529 IRF-IR3529 Datasheet
451Kb / 22P
   XPHASE3TM PHASE IC
IR3507PBF IRF-IR3507PBF Datasheet
504Kb / 19P
   XPHASE3TM PHASE IC
IR3505Z IRF-IR3505Z Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
IR3507Z IRF-IR3507Z Datasheet
475Kb / 19P
   XPHASE3TM PHASE IC
IR3527 IRF-IR3527 Datasheet
2Mb / 20P
   XPHASE3TM DUAL PHASE IC
IR3506 IRF-IR3506 Datasheet
366Kb / 21P
   XPHASE3TM DDR & VTT PHASE IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
   XPHASE3TM CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com