Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3508ZMPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IR3508ZMPBF
Description  XPHASE3TM PHASE IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3508ZMPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3508ZMPBF Datasheet HTML 3Page - International Rectifier IR3508ZMPBF Datasheet HTML 4Page - International Rectifier IR3508ZMPBF Datasheet HTML 5Page - International Rectifier IR3508ZMPBF Datasheet HTML 6Page - International Rectifier IR3508ZMPBF Datasheet HTML 7Page - International Rectifier IR3508ZMPBF Datasheet HTML 8Page - International Rectifier IR3508ZMPBF Datasheet HTML 9Page - International Rectifier IR3508ZMPBF Datasheet HTML 10Page - International Rectifier IR3508ZMPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
IR3508Z
Page 7 of 19
Jan 09, 2009
SYSTEM THEORY OF OPERATION
System Description
The system consists of one control IC and a scalable array of phase converters, each requiring one phase IC. The
control IC communicates with the phase ICs using three digital buses, i.e., CLOCK, PHSIN, PHSOUT and three analog
buses, i.e., DAC, EA, and IOUT. The digital buses are responsible for switching frequency determination and accurate
phase timing control without any external components. The analog buses are used for PWM control and current sharing
between interleaved phases. The control IC incorporates all the system functions, i.e., VID, CLOCK signals, error
amplifier, fault protections, current monitor, etc. The Phase IC implements the functions required by the converter of
each phase, i.e., the gate drivers, PWM comparator and latch, over-voltage protection, phase disable circuit, current
sensing and sharing, etc.
PWM Control Method
The PWM block diagram of the XPhase3
TM architecture is shown in Figure 1. Feed-forward voltage mode control with
trailing edge modulation is used. A high-gain and wide-bandwidth voltage type error amplifier is implemented in the
controller’s design to achieve a fast voltage control loop. Input voltage is sensed by the phase ICs to provide feed-
forward control. The feed-forward control compensates the ramp slope based on the change in input voltage. The input
voltage can change due to variations in the silver box output voltage or due to the wire and PCB-trace voltage drop
related to changes in load current.
PWM
COMPARATOR
RDRP1
OFF
VSETPT
CLKIN
RCS
CCS
ISHARE
PHSIN
DACIN
VCC
CSIN+
GATEL
EAIN
GATEH
CBST
VCCH
CSIN-
SW
PGND
VCCL
RTHRM
VID6
PHSOUT
VID6
RCOMP
OFF
CLK
D
Q
PHSIN
PSI
CCOMP
OFF
VID6
RFB
VID6
+
-
CLKIN
CDRP
RCS
CCS
RDRP
3K
GND
VOUT
DACIN
VCC
VDAC
VO
LGND
IOUT
PHSIN
VOSNS-
VOSNS+
GATEL
EAIN
GATEH
IIN
VDRP
VIN
FB
EAOUT
CLKOUT
CSIN-
CSIN+
IROSC
VID6
VDAC
REMOTE SENSE
AMPLIFIER
VCCH
CBST
CLK
D
Q
Q
DFFRH
VCCL
GATE DRIVE
VOLTAGE
PHSOUT
PWM
COMPARATOR
VID6
VID6
PSI
VID6
CLK
D
Q
+
-
3K
VID6
CLK
D
Q
Q
U248
DFFRH
VID6
+
VID6
+
-
+
BODY
BRAKING
COMPARATOR
RAMP
DISCHARGE
CLAMP
ENABLE
CURRENT
SENSE
AMPLIFIER
RVSETPT
PWM LATCH
SHARE ADJUST
ERROR AMPLIFIER
RESET
DOMINANT
1
2
PHASE IC
PGND
VID6
PSI
-
+
SW
VID6
+
+
Thermal
Compensation
ENABLE
RAMP
DISCHARGE
CLAMP
VDRP
AMP
VDAC
BODY
BRAKING
COMPARATOR
VN
IVSETPT
CLOCK GENERATOR
PWM LATCH
CURRENT
SENSE
AMPLIFIER
IMON
ERROR
AMPLIFIER
SHARE ADJUST
ERROR AMPLIFIER
RESET
DOMINANT
RFB1
COUT
CONTROL IC
CFB
1
2
PSI
PHASE IC
PHSOUT
OFF
VID6
Figure 1: PWM Block Diagram


Similar Part No. - IR3508ZMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3508 IRF-IR3508 Datasheet
1Mb / 19P
   XPHASE3TM PHASE IC
IR3508MPBF IRF-IR3508MPBF Datasheet
1Mb / 19P
   XPHASE3TM PHASE IC
IR3508MTRPBF IRF-IR3508MTRPBF Datasheet
1Mb / 19P
   XPHASE3TM PHASE IC
More results

Similar Description - IR3508ZMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3508 IRF-IR3508 Datasheet
1Mb / 19P
   XPHASE3TM PHASE IC
IR3507 IRF-IR3507 Datasheet
356Kb / 19P
   XPHASE3TM PHASE IC
IR3505 IRF-IR3505 Datasheet
293Kb / 19P
   XPHASE3TM PHASE IC
IR3529 IRF-IR3529 Datasheet
451Kb / 22P
   XPHASE3TM PHASE IC
IR3507PBF IRF-IR3507PBF Datasheet
504Kb / 19P
   XPHASE3TM PHASE IC
IR3505Z IRF-IR3505Z Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
IR3507Z IRF-IR3507Z Datasheet
475Kb / 19P
   XPHASE3TM PHASE IC
IR3527 IRF-IR3527 Datasheet
2Mb / 20P
   XPHASE3TM DUAL PHASE IC
IR3506 IRF-IR3506 Datasheet
366Kb / 21P
   XPHASE3TM DDR & VTT PHASE IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
   XPHASE3TM CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com