Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS141TC Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BTS141TC
Description  Smart Low Side Power Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS141TC Datasheet(HTML) 4 Page - Infineon Technologies AG

  BTS141TC Datasheet HTML 1Page - Infineon Technologies AG BTS141TC Datasheet HTML 2Page - Infineon Technologies AG BTS141TC Datasheet HTML 3Page - Infineon Technologies AG BTS141TC Datasheet HTML 4Page - Infineon Technologies AG BTS141TC Datasheet HTML 5Page - Infineon Technologies AG BTS141TC Datasheet HTML 6Page - Infineon Technologies AG BTS141TC Datasheet HTML 7Page - Infineon Technologies AG BTS141TC Datasheet HTML 8Page - Infineon Technologies AG BTS141TC Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical Characteristics
Parameter
Symbol
Values
Unit
at Tj=25°C, unless otherwise specified
min.
typ.
max.
Characteristics
Initial peak short circuit current limit
VIN = 10 V, VDS = 12 V
ID(SCp)
-
100
-
A
Current limit 1)
VIN = 10 V, VDS = 12 V, tm = 350 μs,
Tj = -40...+150 °C
ID(lim)
25
35
50
Dynamic Characteristics
Turn-on time
VIN to 90% ID:
RL = 2,2 Ω, VIN = 0 to 10 V, Vbb = 12 V
ton
-
40
100
μs
Turn-off time
VIN to 10% ID:
RL = 2,2 Ω, VIN = 10 to 0 V, Vbb = 12 V
toff
-
70
170
Slew rate on
70 to 50%
Vbb:
RL = 2,2 Ω, VIN = 0 to 10 V, Vbb = 12 V
-dVDS/dton
-
1
3
V/μs
Slew rate off
50 to 70%
Vbb:
RL = 2,2 Ω, VIN = 10 to 0 V, Vbb = 12 V
dVDS/dtoff
-
1
3
Protection Functions
Thermal overload trip temperature
Tjt
150
165
-
°C
Unclamped single pulse inductive energy
ID = 12 A, Tj = 25 °C, Vbb = 32 V
ID = 12 A, Tj = 150 °C, Vbb = 32 V
EAS
4000
900
-
-
-
-
mJ
Inverse Diode
Inverse diode forward voltage
IF = 5*12A, tm = 300 μS, VIN = 0 V
VSD
-
1.13
-
V
1Device switched on into existing short circuit (see diagram Determination of I D(lim)). If the device is in on condition
and a short circuit occurs, these values might be exceeded for max. 50 μs.
2Integrated protection functions are designed to prevent IC destruction under fault conditions
described in the data sheet. Fault conditions are considered as "outside" normal operating range.
Protection functions are not designed for continuous repetitive operation.
2
)
Datasheet
4
Rev. 1.0, 2009-07-20
Smart Low Side Power Switch
HITFET BTS 141TC


Similar Part No. - BTS141TC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS141 INFINEON-BTS141 Datasheet
197Kb / 9P
   Smart Lowside Power Switch
19.05.2000
More results

Similar Description - BTS141TC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com