Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD1000R17IE4 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # FD1000R17IE4
Description  PrimePACK?? Modul und NTC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FD1000R17IE4 Datasheet(HTML) 2 Page - Infineon Technologies AG

  FD1000R17IE4 Datasheet HTML 1Page - Infineon Technologies AG FD1000R17IE4 Datasheet HTML 2Page - Infineon Technologies AG FD1000R17IE4 Datasheet HTML 3Page - Infineon Technologies AG FD1000R17IE4 Datasheet HTML 4Page - Infineon Technologies AG FD1000R17IE4 Datasheet HTML 5Page - Infineon Technologies AG FD1000R17IE4 Datasheet HTML 6Page - Infineon Technologies AG FD1000R17IE4 Datasheet HTML 7Page - Infineon Technologies AG FD1000R17IE4 Datasheet HTML 8Page - Infineon Technologies AG FD1000R17IE4 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Technische Information / technical information
FD1000R17IE4
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
IGBT-Wechselrichter / IGBT-inverter
Höchstzulässige Werte / maximum rated values
K
6
:
#
#
2<= ) DE7
!&'(
*
!
K
6
$
#
3
$7
2& )
E7R 2<= ) *DE7
2& ) DE7R 2<= ) *DE7
+& ,-.
+&
/
/
8
3
K
6
S
6
T )
+&01
/
A
!
#
4
2& ) DE7R 2<= ) *DE7
8H-H
NR D
69
A
:
S
#
#
6
#
!U'(
V%
!
Charakteristische Werte / characteristic values
?
K
6
:
" #
#
#
#
+& )
/R !U' ) D !
+& )
/R !U' ) D !
+& )
/R !U' ) D !
!&' FGH
R
R D
RJD
RJD
R
!
!
!
2<= ) DE7
2<= )
DE7
2<= ) D E7
A
34
#
#
3
3
#
+& ) NR
/R !&' ) !U'R 2<= ) DE7
!U'HW
DR
DR
NRJ
!
A
#
#
3 #
!U' )
D !
V D !
XU
R
Y7
+
A
4
#
2<= ) DE7
UZ,H
RD
[
: #
# 6
S "
)
SR 2<= ) DE7R !&' ) D !R !U' )
!
7Z\F
R
;
] 64 6
# 6
S "
)
SR 2<= ) DE7R !&' ) D !R !U' )
!
7^\F
RN
;
K
6
:
!&' ) *
!R !U' )
!R 2<= ) DE7
+&'(
DR
/
A
:
#
6 #
!&' )
!R !U' )
!R 2<= ) DE7
+U'(
J
/
:
3
S_#
# S
O
5
Q
O
Q
+& )
/R !&' )
!
!U' ) ` D !
U-, ) R [
a -,
RDD
RN
RN
Y
Y
Y
2<= ) DE7
2<= )
DE7
2<= ) D E7
/
# S
O
6
5
Q
O
Q
+& )
/R !&' )
!
!U' ) ` D !
U-, ) R [
^
R
R
R
Y
Y
Y
2<= ) DE7
2<= )
DE7
2<= ) D E7
/
3
S_#
# S
O
5
Q
O
Q
+& )
/R !&' )
!
!U' ) ` D !
U-bb ) R [
a -bb
R
R D
R
Y
Y
Y
2<= ) DE7
2<= )
DE7
2<= ) D E7
;
S
O
6
5
Q
O
Q
+& )
/R !&' )
!
!U' ) ` D !
U-bb ) R [
b
R
RD
RD
Y
Y
Y
2<= ) DE7
2<= )
DE7
2<= ) D E7
:
3
#
8
#
+& )
/R !&' )
!R 5( )
!U' ) ` D !R
%
)
/%Y O2<=) D E7Q
U-, ) R [
:-,
ND
J D
c
c
c
2<= ) DE7
2<= )
DE7
2<= ) D E7
/
3
#
8
#
+& )
/R !&' )
!R 5( )
!U' ) ` D !R
%
)
!%Y O2<=) D E7Q
U-bb ) R [
:-bb
D
c
c
c
2<= ) DE7
2<= )
DE7
2<= ) D E7
K S
3
3
7
!U' d D !R !&& )
!
!&'.Ge ) !&'( 5F&' f %
+(&
J
/
2<= ) D E7
T d
Y R
+
9"
4
3
R g
+AL2 %
+AL2
HWh&
JR
K%69
i
#
# 9"
4
3
R
3
6
+AL2 %
+AL2
jTGFH\ )
9%O fKQ %
jk^\GF\ )
9%O fKQ
HW&l
R
K%69


Similar Part No. - FD1000R17IE4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FD1000R17IE4D_B2 INFINEON-FD1000R17IE4D_B2 Datasheet
514Kb / 9P
   PrimePACK3 module and NTC
2011-03-04 revision:2.1
More results

Similar Description - FD1000R17IE4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF650R17IE4V INFINEON-FF650R17IE4V Datasheet
1Mb / 10P
   PrimePACK?? Modul und NTC
2014-04-28 revision:2.0
FF1000R17IE4 INFINEON-FF1000R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:3.1
DF1000R17IE4 INFINEON-DF1000R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:2.2
FF450R17IE4 INFINEON-FF450R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:3.1
DF650R17IE4 INFINEON-DF650R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:2.2
FF650R17IE4 INFINEON-FF650R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:3.2
FF1000R17IE4D_B2 INFINEON-FF1000R17IE4D_B2 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:2.0
FF650R17IE4D_B2 INFINEON-FF650R17IE4D_B2 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-09-18 revision:2.0
FF450R12IE4 INFINEON-FF450R12IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul mit Trench/Fieldstopp IGBT4 und Emitter Controlled 4 Diode und NTC
2009-08-14 revision:2.4
FF900R12IE4V INFINEON-FF900R12IE4V Datasheet
1Mb / 9P
   PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode und NTC
2013-11-26 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com